データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-P2-150-C2-R0

  • AI
    The **ATS-P2-150-C2-R0** is a high-performance thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from electronic components like CPUs, GPUs, and ASICs. --- ### 1. Technical Specifications The following table highlights the core physical and thermal characteristics of the part: | Parameter | Specification | | :--- | :--- | | **Material** | Aluminum (Blue Anodized) | | **Attachment Method** | pushPIN™ | | **Thermal Resistance** | 4.82 °C/W (at 100 LFM) | | **Dimensions (L x W x H)** | 45mm x 45mm x 15mm | | **Weight** | ~42 grams | | **Fin Style** | Straight Fin | --- ### 2. Electronic Integration Components While the heat sink itself is a mechanical part, its integration involves several electronic-related subsystems: #### A. Thermal Interface Material (TIM) The "R0" suffix often indicates the inclusion of a pre-applied high-performance thermal interface material. * **Function:** Fills microscopic air gaps between the heat sink base and the electronic component (IC). * **Importance:** Maximizes heat transfer efficiency to prevent thermal throttling of the silicon. #### B. pushPIN™ Mounting System The electronic assembly uses a specific mechanical locking system to ensure constant pressure. * **Components:** Brass or plastic pins and stainless steel springs. * **Electronic Safety:** Provides a secure fit that prevents the heat sink from shifting during vibration or shipping, which protects the delicate solder balls (BGA) of the underlying chip. #### C. Airflow Dynamics In an electronic enclosure, this part is designed to work with: * **Forced Convection:** System fans (PWM controlled) blowing air through the straight fins. * **Laminar Flow:** The fin design is optimized to minimize pressure drop while maximizing surface area contact with moving air. --- ### 3. Application Use Cases This specific part is commonly found in the following electronic environments: 1. **Telecommunications:** Cooling high-speed networking switches and routers. 2. **Embedded Systems:** Industrial PCs where space is limited but thermal loads are high. 3. **Power Electronics:** Dissipating heat from MOSFET arrays or power modules.
    ✨ Follow-up Questions
    • ⤷ What are the benefits of the pushPIN mounting system compared to adhesive tapes?
    • ⤷ How does the 'Blue Anodized' finish affect thermal performance?
    • ⤷ What is the difference between LFM and thermal resistance in this context?