データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-P2-180-C2-R0

  • AI
    The **ATS-P2-180-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from high-power electronic components like CPUs, GPUs, or FPGAs. --- ### 1. Technical Specifications The following table outlines the mechanical and thermal characteristics of the part: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum (Blue Anodized) | | **Thermal Resistance** | 3.32° C/W @ 200 LFM | | **Length/Width** | 41.00mm x 45.00mm | | **Height** | 22.86mm | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Fin Style** | Spread Fin (maxiFLOW™) | --- ### 2. Key Electronic Features #### A. Thermal Interface Material (TIM) The part comes pre-applied with **SAINT-GOBAIN C8000**, a high-performance phase-change material. In electronics, the TIM is critical because it fills microscopic air gaps between the heat source (the chip) and the heat sink, significantly reducing contact resistance. #### B. The pushPIN™ Attachment System Unlike adhesive-based heat sinks, the "P2" in the part number indicates a specific **pushPIN™** assembly. * **Mechanical Stability:** It provides a constant, uniform pressure across the electronic component. * **Reusability:** Allows for easy removal and re-application during PCB maintenance or debugging. * **Secure Fit:** Uses a brass or plastic pin with a stainless steel spring to lock into 3.175mm holes on the PCB. #### C. maxiFLOW™ Fin Geometry The electronic performance of this part is driven by its unique "flared" fin design. * **High Surface Area:** The design increases the surface area for convection. * **Airflow Efficiency:** It is optimized for environments where airflow is directed through the chassis (forced air cooling), common in telecommunications and server hardware. --- ### 3. Applications in Electronics This heat sink is typically found in the following electronic systems: 1. **Network Switches/Routers:** Cooling high-speed processing ASICs. 2. **Embedded Systems:** Protecting industrial computers from thermal throttling. 3. **Power Electronics:** Dissipating heat from high-current voltage regulators or MOSFET arrays.
    ✨ Follow-up Questions
    • ⤷ How does the 'Blue Anodized' finish affect the thermal performance or durability of this heat sink?
    • ⤷ What is the specific PCB hole pattern required for the pushPIN™ attachment used in this model?
    • ⤷ How do I calculate if the 3.32° C/W thermal resistance is sufficient for my specific power load?