データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-P2-27-C3-R0

  • AI
    The **ATS-P2-27-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure. --- ### 1. Technical Specifications Below are the primary physical and thermal properties of this specific part: | Feature | Specification | | :--- | :--- | | **Series** | pushPIN™ | | **Material** | Aluminum (Blue Anodized) | | **Thermal Resistance** | 12.28°C/W (Unducted) | | **Fin Style** | Straight (High Performance) | | **Attachment Method** | Push-Pin (Plastic) | | **Dimensions** | 45mm x 45mm x 12.7mm | --- ### 2. Key Components and Design The part is engineered with specific electronic cooling principles in mind: * **Heat Sink Base:** A flat, smooth surface that makes contact with the electronic component. It is usually paired with a **Thermal Interface Material (TIM)** like thermal paste or a pad (the "C3" in the part number often denotes a specific T766 phase change material). * **Fin Geometry:** The fins are designed to maximize surface area. The "P2" series indicates a specific pitch and fin count optimized for airflow from system fans. * **Push-Pin Attachment:** This uses a spring-loaded mechanism to ensure constant pressure between the heat sink and the chip, which is critical for efficient heat transfer. --- ### 3. Electronic Application Use-Cases This heat sink is typically found in the following electronic environments: 1. **Embedded Systems:** Industrial PCs where space is limited but cooling requirements are high. 2. **Power Electronics:** Cooling MOSFETs or Voltage Regulators (VRMs) that generate significant heat during power conversion. 3. **Networking Hardware:** Switches and routers where high-speed processors require active or passive cooling. --- ### 4. Part Number Breakdown (Nomenclature) Understanding the alphanumeric code helps in selecting the right thermal solution: * **ATS:** Advanced Thermal Solutions (Manufacturer). * **P2:** Performance series/type. * **27:** Specific size/footprint code. * **C3:** Material/Thermal Interface coating (e.g., T766 Thermal Pad). * **R0:** Revision or RoHS compliance status.
    ✨ Follow-up Questions
    • ⤷ What is the importance of 'Thermal Resistance' in this component?
    • ⤷ Does this heat sink require a specific fan size for optimal cooling?
    • ⤷ How does the push-pin mounting compare to adhesive mounting?