データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-P2-30-C3-R0

  • AI
    The **ATS-P2-30-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from integrated circuits (ICs), such as CPUs, GPUs, or high-power transistors. --- ### 1. Technical Specifications The following table outlines the physical and thermal characteristics of this specific part: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions** | 45mm x 45mm x 25mm | | **Attachment Method** | pushPIN™ | | **Thermal Resistance** | 5.39°C/W (@ 100 LFM) | | **Airflow Path** | Push-Pin (Vertical/Universal) | --- ### 2. Key Design Elements #### A. Fin Geometry (Straight Fin) This part utilizes a "Straight Fin" design. This geometry is optimized for **forced convection** cooling, meaning it works most efficiently when there is a fan or directed airflow moving through the fins. The spacing allows for maximum surface area while minimizing pressure drop. #### B. pushPIN™ Attachment System The "P2" in the part number refers to the specific attachment mechanism. - **Spring-Loaded:** Uses a brass or plastic push-pin with a stainless steel spring. - **Reliability:** Ensures consistent pressure on the heat source, which optimizes thermal interface material (TIM) performance. - **Installation:** Requires pre-drilled holes in the PCB. #### C. Thermal Interface Material (TIM) The "R0" suffix typically indicates that the part comes with a pre-applied high-performance thermal interface material (usually a phase-change material or thermal pad). This eliminates the need for manual application of thermal paste during assembly. --- ### 3. Electronic Application Use-Cases This heat sink is commonly found in the following electronic environments: 1. **Embedded Systems:** Cooling high-end ARM processors or FPGAs. 2. **Telecommunications:** Used on network switches and router chipsets. 3. **Power Electronics:** Managing heat for large voltage regulators or motor drivers. --- ### 4. Thermal Performance Comparison *Note: Performance varies based on air velocity (Measured in Linear Feet per Minute - LFM).* | Air Velocity (LFM) | Thermal Resistance (°C/W) | | :--- | :--- | | 100 (0.5 m/s) | 5.39 | | 300 (1.5 m/s) | 2.13 | | 500 (2.5 m/s) | 1.64 |
    ✨ Follow-up Questions
    • ⤷What are the specific hole patterns required for the pushPIN™ attachment?
    • ⤷ How does the blue anodized finish affect the thermal emissivity of the part?
    • ⤷ Is there a weight limit for components using this specific heat sink?