データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-P2-33-C1-R0

  • AI
    The **ATS-P2-33-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** product line, designed for cooling high-power semiconductors and integrated circuits. --- ### 1. Technical Specifications Below are the primary mechanical and thermal characteristics of this specific part: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (with Blue Anodized Finish) | | **Dimensions (L x W x H)** | 54.00mm x 59.00mm x 20.00mm | | **Thermal Resistance** | 1.72°C/W @ 200 LFM | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Flow Pattern** | maxiFLOW™ (Optimized for air spread) | | **Compliance** | RoHS / REACH Compliant | --- ### 2. Design and Component Breakdown #### A. The maxiFLOW™ Fin Geometry The "C1" in the part number refers to the specific fin design. Unlike traditional straight-fin heat sinks, the maxiFLOW™ design features a flared-fin geometry. This increases the surface area and maximizes airflow (convection) by reducing air pressure drop across the sink. #### B. The pushPIN™ Attachment System The **ATS-P2** series utilizes a specialized mounting system. This consists of: * **Plastic/Brass Push Pins:** Used to secure the heat sink to pre-drilled holes in the PCB. * **Compression Springs:** These provide high-interface pressure to ensure the thermal interface material (TIM) is compressed evenly, maximizing heat transfer from the chip to the aluminum. #### C. Thermal Interface Material (TIM) Typically, these parts come with **Phase Change Material (PCM)** or high-performance thermal grease pre-applied to the base. This fills microscopic air gaps between the heat sink and the electronic component (CPU, FPGA, or ASIC). --- ### 3. Electronic Application Use Cases This part is commonly found in the following electronic systems: 1. **Telecommunications:** Cooling high-speed switching and routing hardware. 2. **Embedded Computing:** Thermal management for industrial motherboards. 3. **Power Electronics:** Dissipating heat from high-wattage voltage regulators or power modules. --- ### 4. Part Number Decoder (Quick Guide) | Segment | Meaning | | :--- | :--- | | **ATS** | Advanced Thermal Solutions (Manufacturer) | | **P2** | pushPIN™ Series | | **33** | Dimension/Size Code | | **C1** | Fin Design/Geometry | | **R0** | Package/Revision (Standard Standard Package) | ---
    ✨ Follow-up Questions
    • ⤷What are the specific PCB hole requirements for the pushPIN mounting system?
    • ⤷ How does the thermal resistance of this part change at different airflow speeds (LFM)?
    • ⤷ What is the weight of the ATS-P2-33-C1-R0 for vibration-sensitive applications?