データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-P2-41-C2-R0

  • AI
    The **ATS-P2-41-C2-R0** is a high-performance electronic thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. Specifically, it is a high-efficiency heat sink designed for electronic cooling applications. --- ## 1. Technical Specifications The part belongs to the **push-PIN™** heat sink series, which features a specialized attachment mechanism for secure and easy mounting on Printed Circuit Boards (PCBs). | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Fin Type** | Straight Fin | | **Attachment Method** | Push-Pin (Plastic/Brass) | | **Spring Type** | ATS-HK91-R0 | | **Dimensions (L x W x H)** | 40mm x 40mm x 30mm | | **Thermal Interface Material** | T766 (High performance) | | **Finish** | Blue Anodized | --- ## 2. Key Design Characteristics ### A. Fin Geometry The "Straight Fin" design is optimized for high-velocity airflow environments. By maximizing the surface area while maintaining a low pressure drop, it efficiently transfers heat from the component (like a CPU, FPGA, or GPU) to the ambient air. ### B. The Push-Pin System This part uses a pre-assembled push-pin and spring mechanism. This offers several advantages over traditional adhesive or screw mounting: * **Uniform Pressure:** The spring ensures consistent contact between the heat sink and the electronic component. * **Tool-less Installation:** The pins snap into pre-drilled holes in the PCB. * **Vibration Resistance:** The spring tension helps the assembly withstand mechanical shocks and vibrations. ### C. Thermal Performance Thermal resistance is measured based on the airflow (LFM - Linear Feet per Minute). For this specific model (30mm height): * **Low Airflow (200 LFM):** ~1.20 °C/W * **High Airflow (600 LFM):** ~0.70 °C/W *(Values are approximate based on the ATS-P2 series standard performance curves).* --- ## 3. Applications The **ATS-P2-41-C2-R0** is typically found in: 1. **Telecommunications:** High-speed routers and switches. 2. **Industrial Computing:** Embedded systems that generate significant heat. 3. **Power Electronics:** Cooling for MOSFETs or power modules. 4. **Networking:** Server-grade hardware requiring reliable thermal dissipation. --- ## 4. Part Number Breakdown The nomenclature follows the ATS standard: * **ATS:** Advanced Thermal Solutions. * **P2:** Series identifier (Push-Pin). * **41:** Size code (refers to the 40mm x 40mm footprint). * **C2:** Material/Fin height code (30mm height). * **R0:** Revision or packaging code.
    ✨ Follow-up Questions
    • ⤷ What is the thermal conductivity of the T766 interface material used in this model?
    • ⤷ Can this heat sink be used with both plastic and brass push-pins?
    • ⤷ How do I calculate the required PCB hole size for this specific push-pin assembly?