ATS-X53325B-C1-R0
AI

## Technical Overview: ATS-X53325B-C1-R0
The **ATS-X53325B-C1-R0** is a high-performance **Heat Sink** assembly manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "superGRIP" series, designed primarily for cooling high-heat-generating electronic components like BGA (Ball Grid Array) packages.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | superGRIP™ |
| **Material** | Aluminum (Heat Sink) / Plastic (Frame) |
| **Dimensions (L x W)** | 32.2mm x 32.2mm |
| **Height** | 24.7mm |
| **Thermal Resistance** | Approx. 3.20°C/W (varies with airflow) |
| **Attachment Method** | superGRIP™ Frame and Clip |
| **Thermal Interface Material (TIM)** | Pre-applied T766 phase change material |
---
### 2. Design and Components
The assembly consists of three primary parts that work together to provide cooling and mechanical stability:
1. **The Heat Sink (Aluminum):** Features a high-fin density design (usually cross-cut or straight fin) to maximize surface area for heat dissipation into the surrounding air.
2. **The Frame Clip:** A specialized plastic frame that snaps onto the base of the BGA component. This eliminates the need to drill holes into the Printed Circuit Board (PCB).
3. **The Tension Spring:** A metal clip that applies constant downward pressure on the heat sink, ensuring optimal contact with the electronic component.
---
### 3. Thermal Performance Indicators
The efficiency of this part is measured by its **Thermal Resistance**. The lower the °C/W value, the better the cooling:
* **@ 200 LFM (Linear Feet per Minute):** High performance due to the 24.7mm height.
* **Material Choice:** The aluminum is anodized (usually blue or black) to increase emissivity and protect against corrosion.
---
### 4. Common Applications
This part is typically used in environments where space is tight but thermal loads are high, such as:
* **Telecommunications:** Network switches and routers.
* **Embedded Systems:** Industrial PC processing units.
* **Computing:** Graphics cards or high-speed memory controllers.
---
### 5. Installation Example (Conceptual)
Because this is a "superGRIP" model, it does not require adhesive or screws:
```text
Step 1: Place plastic frame over the BGA chip.
Step 2: Place the Heat Sink (with TIM) onto the chip surface.
Step 3: Secure the metal clip over the sink and snap it into the frame.
```
---
- ⤷What is the difference between the C1 and C2 versions of this heat sink?
- ⤷ Can this heat sink be used on components smaller than 32.2mm?
- ⤷ What are the specific airflow requirements for optimal cooling?