データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AWP201610AF-R24M

  • AI
    The **AWP201610AF-R24M** is a high-performance, surface-mount (SMD) power inductor. This component is typically used in power management circuits where compact size and high efficiency are critical requirements. ### 1. Key Technical Specifications Below are the primary parameters for the AWP201610AF-R24M: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.24 µH | | **Tolerance** | ±20% (M) | | **Case Size (Metric)** | 2016 (2.0mm x 1.6mm) | | **Height (Max)** | 1.0 mm | | **DC Resistance (DCR)** | Typ. 13 mΩ / Max. 17 mΩ | | **Saturation Current (Isat)** | ~6.5 A | | **Rated Current (Irms)** | ~5.0 A | | **Core Material** | Metal Alloy (Molded) | --- ### 2. Component Breakdown and Construction #### A. Material Composition This inductor uses a **metal alloy powder core**. Unlike traditional ferrite inductors, metal alloy cores provide: * **Soft Saturation:** The inductance drops gradually as current increases, rather than dropping off sharply. * **High Current Density:** They can handle higher peak currents in a smaller physical footprint. #### B. Naming Convention (Deciphered) * **AWP:** Product Series (often indicates high-current alloy power inductors). * **2016:** Physical dimensions (2.0mm length x 1.6mm width). * **10:** Maximum height (1.0mm). * **AF:** Internal design code/Material type. * **R24:** Inductance value ($0.24 \mu H$). * **M:** Tolerance (±20%). --- ### 3. Common Applications Because of its low profile (1.0mm) and high current handling, this part is found in: 1. **DC-DC Converters:** Specifically for Step-Down (Buck) converters in smartphones and tablets. 2. **CPU/GPU Power Rails:** Providing stable current to high-speed processors. 3. **Portable Electronics:** Wearables and IoT devices where PCB space is limited. 4. **SSD Drives:** Managing power delivery for high-speed storage modules. --- ### 4. Advantages & Trade-offs * **Pros:** * **Excellent EMI Shielding:** The molded construction naturally reduces electromagnetic interference. * **Low DCR:** Minimizes power loss as heat, increasing battery life in mobile devices. * **Robustness:** Highly resistant to mechanical shock and vibration. * **Cons:** * **Cost:** Generally more expensive than standard ferrite wire-wound inductors. * **Frequency Limits:** While great for power, they may have higher core losses at extremely high frequencies (multi-MHz) compared to specialized RF inductors.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives from brands like TDK or Murata?
    • ⤷ How does the 'soft saturation' characteristic affect circuit stability?
    • ⤷ What is the recommended solder reflow profile for this 2016 package size?