AWSCR-MS
AI

The **AWSCR-MS** is a specific series of **Ceramic Resonators** manufactured by Abracon. These components are used to provide a stable clock signal or frequency reference for microcontrollers and other digital circuits.
---
## 1. Technical Specifications
The AWSCR-MS series is characterized by its surface-mount design and built-in load capacitors, which simplify the PCB layout.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Piezoelectric Ceramic Resonator |
| **Mounting Type** | SMD (Surface Mount Device) |
| **Frequency Range** | Typically 2.00 MHz to 12.00 MHz |
| **Built-in Capacitance** | Includes internal load capacitors (typically 22pF or 30pF) |
| **Frequency Tolerance** | Approximately ±0.5% |
| **Operating Temperature** | -25°C to +85°C (Standard) |
---
## 2. Key Internal Components
Unlike a simple crystal, the AWSCR-MS integrates three functional elements into one small package:
1. **Ceramic Element:** A lead zirconate titanate (PZT) material that vibrates at a specific frequency when an electric field is applied.
2. **Electrodes:** Metallic layers that interface the ceramic element with the external pins.
3. **Internal Load Capacitors:** This is what the **"C"** in AWS**C**R often denotes. By integrating capacitors internally, the part saves space and reduces the "BOM" (Bill of Materials) count.
---
## 3. Pin Configuration
The device typically features **3 pins**:
* **Pin 1 (Input/Output):** Connected to the oscillator circuit of the MCU.
* **Pin 2 (Ground):** Connected to the system ground (common for the internal capacitors).
* **Pin 3 (Output/Input):** Connected to the other side of the MCU oscillator circuit.
---
## 4. Comparison: Resonator vs. Quartz Crystal
| Feature | Ceramic Resonator (AWSCR) | Quartz Crystal |
| :--- | :--- | :--- |
| **Accuracy** | Moderate (±0.5%) | High (±0.001%) |
| **Cost** | Low | High |
| **Start-up Time** | Very Fast | Slower |
| **Size** | Small (due to built-in caps) | Larger (requires external caps) |
---
## 5. Typical Applications
The AWSCR-MS series is ideal for applications where extreme precision (like a high-speed clock or GPS) isn't required, but cost and space are critical:
* **Consumer Electronics:** Remote controls, toys, and kitchen appliances.
* **Microcontrollers:** Providing the main system clock for 8-bit or 16-bit MCUs.
* **Automotive:** Non-safety critical systems like power windows or mirror controls.
- ⤷
How do I determine the correct load capacitance value for an AWSCR-MS resonator?
- ⤷ What is the primary difference between the AWSCR-MS and the AWSCR-MT series?
- ⤷ Can a ceramic resonator replace a crystal in USB high-speed applications?