データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • B-01-RTF

  • AI
    The **B-01-RTF** typically refers to a Ready-To-Fly (RTF) RC aircraft or drone kit. In the context of RC electronics, these models integrate several critical components that allow for wireless control, stabilization, and propulsion. --- ### Core Electronic Components The table below breaks down the primary electronic parts found in the B-01-RTF system: | Component | Function | Description | | :--- | :--- | :--- | | **Brushless Motor** | Propulsion | Converts electrical energy into mechanical rotation to drive the propeller. | | **Electronic Speed Controller (ESC)** | Power Regulation | Acts as the bridge between the battery and motor; regulates speed based on throttle input. | | **Flight Controller (FC)** | The "Brain" | Contains sensors (gyroscopes/accelerometers) to keep the aircraft stable during flight. | | **Receiver (RX)** | Signal Input | Captures 2.4GHz radio signals from the handheld transmitter and sends commands to the FC. | | **Servos** | Actuation | Small motors that physically move control surfaces (ailerons, elevators, rudder). | | **LiPo Battery** | Power Source | High-discharge Lithium Polymer battery providing the necessary voltage (usually 7.4V or 11.1V). | --- ### Technical Specifications & Interaction Understanding how these parts communicate is essential for maintenance or troubleshooting. #### 1. Signal Flow The handheld transmitter sends a coded signal. The **Receiver** decodes this and outputs a PWM (Pulse Width Modulation) or SBUS signal to the **Flight Controller**. The FC then calculates the necessary motor output and servo positions to maintain flight. #### 2. The Power System Most B-01-RTF units use a **BEC (Battery Eliminator Circuit)**. This is a small voltage regulator (usually built into the ESC) that steps down the high battery voltage to a steady 5V to power the receiver and servos. #### 3. Safety Features Modern RTF electronics often include: * **Low Voltage Cutoff (LVC):** Reduces power to the motor when the battery is low to prevent damage. * **Failsafe:** Automatically levels the plane or lands it if the radio signal is lost. --- ### Basic Wiring Logic ```mermaid [Battery] --> [ESC] --> [Brushless Motor] | v (via BEC) [Flight Controller] <--> [Receiver] | --> [Servos] ```
    ✨ Follow-up Questions
    • What is the recommended LiPo battery voltage for the B-01-RTF?
    • How do I bind the receiver to a new transmitter?
    • What should I do if the servos are twitching but the motor won't spin?