データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • B-NJM5N-R

  • AI
    Based on the part number provided, **B-NJM5N-R**, this component is a specific type of **Coaxial Connector Adapter**. It is primarily used in Radio Frequency (RF) applications to interface between different connector types while maintaining signal integrity. --- ## 1. Technical Specifications The part number can be broken down into its functional components: | Specification | Details | | :--- | :--- | | **Connector Type A** | **BNC** Plug (Male) | | **Connector Type B** | **N-Type** Jack (Female) | | **Impedance** | Typically **50 Ohms** (Standard for RF) | | **Body Material** | Brass or Stainless Steel (Nickel or Gold plated) | | **Mounting Type** | In-series or Between-series Adapter | | **Frequency Range** | DC to ~4 GHz (Typical for BNC limitations) | --- ## 2. Key Components & Construction The assembly of this part involves several critical electronic and mechanical elements: 1. **Center Contact:** Usually made of Gold-plated Phosphor Bronze or Beryllium Copper to ensure low contact resistance and high conductivity. 2. **Insulator (Dielectric):** Typically made of **PTFE (Teflon)**, which provides excellent insulation and maintains consistent impedance. 3. **Outer Shell/Body:** Provides the mechanical strength and grounding. The "BNC" side features a bayonet-style locking mechanism for quick connection. 4. **Coupling Nut:** Found on the BNC male side to secure the connection to a female BNC port. --- ## 3. Common Applications This adapter is used in environments where equipment with different interface standards must communicate: * **Test & Measurement:** Connecting an oscilloscope (BNC) to a high-power antenna system or signal generator (N-Type). * **Telecommunications:** Interfacing base station equipment with standard laboratory patch cables. * **Wireless Networking:** Used in WiFi signal distribution and ham radio setups. --- ## 4. Part Number Decoding (Typical) While manufacturers vary slightly, the "R" suffix often denotes **RoHS Compliance**, meaning the part is free from hazardous substances like lead. ```text B - NJ - M - 5 - N - R ^ ^ ^ ^ ^ ^ BNC N-Jack Male Size Nickel RoHS ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the maximum power handling capabilities of this adapter?
    • ⤷ Does this specific model support 75 Ohm applications?
    • ⤷ Are there specific torque requirements for the N-type side of the adapter?