データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • B1-R1

  • AI
    Based on the naming convention typically associated with robotics and electronics kits (such as the **B1-R1 Hexapod** or similar STEM DIY robot kits), the "B1-R1" refers to a specific model configuration. Below is an explanation of the core electronic components typically found in such a system. --- ### Core Electronic Components of B1-R1 | Component | Function | Specifications (Commonly Used) | | :--- | :--- | :--- | | **Microcontroller** | The "Brain" that processes code and sends signals. | Often an **ESP32** (for Wi-Fi/BT) or **Arduino Nano**. | | **Servo Motors** | Actuators that move the joints (legs/arms). | **SG90** or **MG90S** (Metal Gear) servos. | | **Servo Driver** | Manages high-current power for multiple servos. | **PCA9685** (16-Channel PWM driver via I2C). | | **Power Supply** | Provides electricity to the logic and motors. | **7.4V Li-ion (18650)** or 2S LiPo battery. | | **Voltage Regulator** | Steps down battery voltage for the controller. | **Buck Converter** (e.g., LM2596) to 5V. | | **Sensors** | Allows interaction with the environment. | **HC-SR04** (Ultrasonic) or IR sensors. | --- ### Detailed Breakdown #### 1. The Controller (ESP32 / Arduino) The B1-R1 usually utilizes a controller capable of **PWM (Pulse Width Modulation)**. If it is the Wi-Fi version, the **ESP32** is used to allow remote control via a smartphone app or web interface. It handles the inverse kinematics (the math required to move the legs). #### 2. Actuation: MG90S Servos Unlike standard DC motors, servos allow for precise angle control (usually 0 to 180 degrees). * **B1-R1 configuration:** Usually requires 12 to 18 servos depending on the number of legs and joints per leg (Degrees of Freedom). #### 3. Power Management Because servos pull significant "stall current" when moving, the electronics include: * **Common Ground:** All components must share a ground to prevent signal noise. * **Independent Power Rails:** The microcontroller is often powered separately from the servos to prevent "brownouts" (reboots caused by voltage drops when motors kick in). #### 4. Communication Interface The board usually features pins for: * **I2C:** To communicate with the PCA9685 driver. * **UART:** For debugging via USB. * **GPIO:** For auxiliary LEDs or sensors. --- ### Basic Wiring Logic ```cpp // Example: Basic Servo Initialization for B1-R1 (using PCA9685) #include #include Adafruit_PWMServoDriver pwm = Adafruit_PWMServoDriver(); void setup() { pwm.begin(); pwm.setPWMFreq(60); // Analog servos run at ~60Hz } ```
    ✨ Follow-up Questions
    • ⤷ What is the specific battery capacity recommended for the B1-R1?
    • ⤷ How do I calibrate the center point of the MG90S servos?
    • ⤷ Which mobile app is used to control the B1-R1 electronics?