データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • B143-R

  • AI
    The **B143-R** typically refers to a specific model of a **Bi-Directional Logic Level Converter** or a specialized **LED Driver/Controller** depending on the manufacturer (most commonly associated with DIY electronics and sensor modules). Below is a breakdown of the electronic characteristics and components typically found in this module. --- ### 1. Primary Function The B143-R is primarily designed to facilitate communication between devices operating at different voltage levels (e.g., interfacing a 5V Arduino with a 3.3V ESP32). ### 2. Key Electronic Components | Component | Function | | :--- | :--- | | **N-Channel MOSFETs** | The heart of the bi-directional shifting logic. | | **Pull-up Resistors** | (Usually 10kΩ) Ensures the signal stays HIGH when not being pulled LOW. | | **PCB Substrate** | FR4 material with gold-plated or tinned pads for soldering. | | **Voltage Rails** | Labeled as **HV** (High Voltage) and **LV** (Low Voltage). | ### 3. Specifications Table | Feature | Typical Value | | :--- | :--- | | **High Voltage Side (HV)** | 2.0V to 10V | | **Low Voltage Side (LV)** | 1.2V to 3.3V | | **Channels** | 2, 4, or 8 (Depending on variant) | | **Signal Direction** | Bi-directional (Input or Output) | ### 4. How it Works (Logic States) 1. **Low to High:** When the LV side is pulled low by a device, the MOSFET allows the HV side to also drop to 0V. When released, the pull-up resistor brings it back to the HV level. 2. **High to Low:** Similarly, pulling the HV side low causes the body diode of the MOSFET to conduct, pulling the LV side down. --- ### 5. Connection Diagram (Example) ```cpp // Typical pinout configuration for B143-R Logic Shifter HV -> [5V Power Source] LV -> [3.3V Power Source] GND -> [Common Ground] A1 -> [5V Signal Input/Output] B1 -> [3.3V Signal Input/Output] ```
    ✨ Follow-up Questions
    • ⤷ What are the maximum current limits for the B143-R channels?
    • ⤷ Can the B143-R be used for I2C communication?
    • ⤷ What is the difference between active and passive level shifters?