データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • B16-R

  • AI
    The **B16-R** typically refers to a high-performance **Brushless Electronic Speed Controller (ESC)** often used in RC racing (drifting or touring cars) or specific industrial drone applications. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Core Technical Specifications The "B16-R" series is designed to handle high current loads while maintaining precision control over brushless motors. | Component | Specification | Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | 32-bit ARM Cortex | Processes throttle signals and manages motor timing. | | **MOSFETs** | High-frequency Power FETs | Switches power to the motor phases with minimal heat. | | **BEC Output** | 6V - 7.4V (Switchable) | Supplies power to the receiver and servos. | | **Current Rating** | 160A Continuous | The maximum sustained load the part can handle. | | **Input Voltage** | 2S - 3S LiPo | The battery range compatible with the internal logic. | --- ### 2. Key Electronic Sections #### A. Power Stage (Inverter) The heart of the B16-R consists of a **3-phase bridge circuit**. * It uses six sets of MOSFETs to convert DC power from the battery into 3-phase AC power for the brushless motor. * **Heat Dissipation:** These parts are usually mounted on a copper PCB and topped with an aluminum heatsink/fan to prevent thermal shutdown. #### B. The BEC (Battery Eliminator Circuit) Most B16-R units feature a **Switching BEC**. Unlike linear regulators, switching BECs are highly efficient and don't waste energy as heat, allowing you to run high-torque digital servos without a separate battery pack. #### C. Capacitors (External/Internal) You will notice a "Capacitor Bank" (often external) connected to the power leads. * **Role:** These filter out voltage spikes and "ripples" caused by the rapid switching of the MOSFETs. * **Protection:** They prevent the electronic noise from interfering with the radio receiver. --- ### 3. Programming & Connectivity The B16-R is "Smart" hardware, meaning its behavior is defined by firmware. ```cpp // Logic representation of ESC Timing adjustment if (RPM > 5000 && Throttle == 100%) { Apply_Turbo_Boost(20); // Increases degrees of timing for top speed } ``` * **Sensored Port:** A 6-pin connector that receives data from the motor's Hall Effect sensors to ensure smooth startup without "cogging." * **Programming Port:** Allows connection to an LCD Program Box or a Bluetooth module to tune "Punch," "Brake Strength," and "Turbo Timing." --- ### 4. Safety Protection Circuits To prevent total hardware failure, the B16-R includes: 1. **Low Voltage Cutoff (LVC):** Monitors battery cells to prevent over-discharge. 2. **Thermal Protection:** Internal thermistors shut down the unit if temperatures exceed ~105°C. 3. **Fail-Safe:** Cuts motor power if the radio signal is lost.
    ✨ Follow-up Questions
    • ⤷How do I calibrate the throttle on a B16-R ESC?
    • ⤷ What is the difference between sensored and sensorless motor modes?
    • ⤷ How does 'Turbo Timing' affect the heat of the electronic components?