データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • B1A-R

  • AI
    The **B1A-R** typically refers to a high-performance **Battery Management System (BMS)** module, specifically an active balancer board produced by manufacturers like JK (JiKong). These devices are critical for maintaining the health and longevity of Lithium-ion (Li-ion), Lithium Iron Phosphate (LiFePO4), and Lithium Titanate (LTO) battery packs. --- ### 1. Technical Specifications The B1A-R series is defined by its ability to relocate energy from higher-voltage cells to lower-voltage cells rather than just wasting energy as heat. | Feature | Specification (Typical) | | :--- | :--- | | **Balance Current** | 0.6A to 1A (Active Balancing) | | **Cell Support** | 2S to 24S (depending on specific sub-model) | | **Battery Chemistry** | Li-ion, LiFePO4, LTO | | **Balance Method** | Active Energy Transfer (Capacitive/Inductive) | | **Communication** | RS485 / Bluetooth (App Support) | --- ### 2. Key Electronic Components The internal architecture of a B1A-R board consists of several specialized electronic stages: * **Microcontroller (MCU):** The "brain" that monitors the voltage of every individual cell in the string and calculates the delta (difference). * **Active Balancing Circuit:** Unlike passive balancers that use resistors to bleed off energy, the B1A-R uses **DC-DC converters** or **capacitor arrays** to move charge between cells with high efficiency. * **Voltage Sensing Network:** High-precision Analog-to-Digital Converters (ADCs) and voltage dividers that measure cell voltage with millivolt accuracy. * **Protection Circuitry:** TVS diodes and fuses designed to protect the board from over-voltage spikes or accidental reverse polarity during installation. * **Communication Interface:** Usually includes an **RS485 transceiver** or a **Bluetooth LE module** for real-time monitoring via a smartphone app or PC software. --- ### 3. Functional Workflow 1. **Monitoring:** The MCU constantly polls each cell voltage via the sensing wires. 2. **Comparison:** If the difference between the highest and lowest cell exceeds the user-defined threshold (e.g., 0.005V), balancing begins. 3. **Transfer:** The active circuit "picks up" energy from the highest cell and injects it into the lowest cell. 4. **Termination:** Once the cells are within the target voltage range, the balancing circuit enters standby to conserve power. --- ### 4. Wiring Diagram Overview While specific pinouts vary, the general structure for the B1A-R wiring is as follows: ```text [B-] -> Main Battery Negative [B1] -> Positive of Cell 1 [B2] -> Positive of Cell 2 ... [B+] -> Main Battery Positive [RS485] -> Interface for External Controller/Display ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between active and passive balancing in the B1A-R context?
    • ⤷ How do I configure the B1A-R thresholds using the smartphone app?
    • ⤷ Can the B1A-R be used with a 48V LiFePO4 battery pack?