データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • B2G-R

  • AI
    The **B2G-R** refers to a specific series of high-performance, board-to-board connectors frequently utilized in automotive, industrial, and high-speed computing applications. These components are designed to provide a secure, vibration-resistant bridge between two Printed Circuit Boards (PCBs). ### 1. Technical Specifications The B2G-R series is characterized by its compact pitch and robust mechanical latching mechanisms. | Feature | Description | | :--- | :--- | | **Pitch** | Typically 0.5mm to 1.0mm (depending on specific sub-model) | | **Configuration** | Double-row, vertical or right-angle mounting | | **Contact Material** | Copper Alloy with Gold or Tin plating | | **Current Rating** | Generally 0.5A to 1.0A per pin | | **Voltage Rating** | 50V to 100V AC/DC | | **Operating Temp** | -40°C to +105°C (Automotive Grade) | --- ### 2. Key Electronic Components & Design The "R" in B2G-R often denotes a **Right-Angle** orientation or **Receptacle** type, which dictates how the signal flows between boards. * **Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) capable of withstanding reflow soldering temperatures. * **Terminals:** Precision-stamped contacts designed for low contact resistance (usually <30mΩ). * **Shielding:** Many B2G-R variants include metallic shells for EMI (Electromagnetic Interference) protection, essential for high-speed data integrity. * **Mating Mechanism:** Includes a "click" tactile feedback or a friction-lock to ensure the connection does not vibrate loose in automotive environments. --- ### 3. Typical Application Schematic In an electronic system, the B2G-R acts as the physical layer for various signal protocols. ```markdown [ Main Controller PCB ] <---> [ B2G-R Connector Pair ] <---> [ Peripheral/Sensor PCB ] | | | MCU/FPGA Signals -----> Differential Pairs/Power -----> Sensors/Display ``` ### 4. Common Use Cases 1. **Automotive Infotainment:** Connecting the display panel to the main processing board. 2. **ADAS Systems:** Linking camera modules to the central image processing unit. 3. **Industrial Automation:** Modular PLC (Programmable Logic Controller) expansions. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between B2G-R and standard B2B connectors?
    • ⤷ How does the B2G-R handle high-vibration environments?
    • ⤷ Are there specific soldering footprints recommended for B2G-R?