データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • B316-R

  • AI
    The **B316-R** typically refers to a high-performance **Step-Down (Buck) Voltage Regulator** module or a specific diode/component series depending on the manufacturer. Most commonly, it is associated with integrated power modules used in industrial automation and consumer electronics. --- ### 1. Key Electronic Specifications Below are the technical parameters generally associated with the B316-R regulator series: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 32V DC | | **Output Voltage** | Adjustable (typically 0.8V to 30V) | | **Max Output Current** | 3.0 Amperes | | **Switching Frequency** | 150 kHz - 500 kHz (Model dependent) | | **Efficiency** | Up to 92% | | **Operating Temp** | -40°C to +85°C | --- ### 2. Internal Component Breakdown The B316-R module consists of several critical electronic parts working in synchronization: #### A. The Integrated Circuit (IC) The "brain" of the part is the PWM (Pulse Width Modulation) controller. It monitors the output voltage and adjusts the duty cycle of the internal MOSFET to maintain a steady voltage despite fluctuations in the input. #### B. Power Inductor This is the large, usually square component on the board. It stores energy in a magnetic field during the "on" cycle and releases it to the load during the "off" cycle, smoothing the current. #### C. Schottky Barrier Rectifier Often labeled as part of the "R" suffix (Rectifier), this diode prevents current from flowing backward when the main switch is off, ensuring high efficiency and protecting the circuit. #### D. Filter Capacitors * **Input Capacitor:** Absorbs voltage spikes from the power source. * **Output Capacitor:** Works with the inductor to minimize "ripple" voltage, providing clean DC power to the connected device. --- ### 3. Protection Features The B316-R includes built-in safety mechanisms to prevent hardware failure: 1. **Thermal Shutdown:** Automatically turns off if the component exceeds safe temperature limits. 2. **Short Circuit Protection:** Limits the current if the output leads are touched together. 3. **Under-Voltage Lockout (UVLO):** Prevents the device from operating if the input voltage is too low to guarantee a stable output. --- ### 4. Typical Application Circuit In a standard configuration, the wiring follows this logic: ```text [Input +] ---- [B316-R IN] ---- [Internal Switching Logic] ---- [B316-R OUT] ---- [Load] | [Ground/Common] ```
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the B316-R module?
    • ⤷ How do I calculate the resistor values for a specific output voltage?
    • ⤷ Can the B316-R be used in parallel to increase current output?