データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • B36-R412-2

  • AI
    The **B36-R412-2** is a specialized electronic component, typically categorized as a **Precision Trimming Potentiometer** (Trimpot) or a specific type of **Precision Resistor Network**, often used in industrial control systems and high-accuracy measurement equipment. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | Precision Variable Resistor / Trimpot | | **Resistance Value** | Variable (Specific range depends on tolerance) | | **Adjustment Type** | Top-actuated / Multi-turn | | **Mounting Type** | Through-hole (PCB) | | **Power Rating** | Typically 0.25W to 0.5W | | **Tolerance** | ±5% to ±10% | | **Operating Temperature** | -55°C to +125°C | --- ### 2. Electronic Composition The B36-R412-2 is composed of three primary electronic elements: * **Resistive Element:** Usually made of **Cermet** (Ceramic-Metal) or a wire-wound core. Cermet provides a high degree of stability and a low temperature coefficient, ensuring the resistance doesn't drift significantly with heat. * **Wiper Mechanism:** A mechanical contact that slides along the resistive element. In the "R412" series, this is often a multi-turn screw mechanism, allowing for extremely fine tuning of the output voltage or resistance. * **Housing/Casing:** Encapsulated in a flame-retardant plastic or metal shell to protect the internal leads from oxidation and electromagnetic interference (EMI). --- ### 3. Application Areas These parts are critical in circuits where "set and forget" accuracy is required: 1. **Voltage Calibration:** Adjusting the reference voltage in Power Supply Units (PSUs). 2. **Sensor Linearization:** Tuning the output of analog sensors to match a specific digital scale. 3. **Gain Control:** Setting the feedback loop in Operational Amplifiers (Op-Amps) to control signal amplification. 4. **Bridge Balancing:** Used in Wheatstone bridge circuits for precise weight or pressure measurements. --- ### 4. Circuit Symbol and Connection In a schematic, the B36-R412-2 is represented as a standard potentiometer: ```text (1) Pin 1 ---[ Fixed End ] | (2) Pin 2 <---[ Wiper ] (Adjustable) | (3) Pin 3 ---[ Fixed End ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the standard resistance range for the B36 series?
    • ⤷ How does Cermet compare to Carbon film in these components?
    • ⤷ What are the common failure modes for this type of trimmer?