データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • B57504K

  • AI
    The **B57504K** is a high-precision NTC (Negative Temperature Coefficient) thermistor manufactured by TDK Electronics (formerly EPCOS). It is primarily designed for automotive and industrial temperature sensing applications where reliability and fast response times are critical. --- ## 1. Core Technical Specifications The "B57504K" series belongs to the K504 family. Below are the typical parameters for this component: | Parameter | Specification | |:---|:---| | **Resistance (R25)** | Typically 10 kΩ, 50 kΩ, or 100 kΩ | | **Tolerance** | ±1% to ±3% (High precision) | | **B-Value (25/100)** | ~3970 K to 4036 K (depending on specific model) | | **Temperature Range** | -55°C to +200°C (Extended range) | | **Response Time ($t_{63}$)** | < 5 seconds (in air) | | **Housing Material** | Ceramic / Glass encapsulation / Metal probe | --- ## 2. Structural Features The B57504K series is often characterized by its specific mechanical housing, which distinguishes it from standard bead thermistors: * **Lead Wires:** Usually features PTFE-insulated nickel leads or flexible wires suitable for high-temperature environments. * **Encapsulation:** The sensor element is often encased in a stainless steel or aluminum housing (screw-in or clip-on type) to protect it from moisture and mechanical stress. * **Epoxy/Glass Coating:** The internal NTC element is hermetically sealed to prevent oxidation and drift over time. --- ## 3. Working Principle As an **NTC thermistor**, the B57504K operates on the principle that its electrical resistance decreases as the temperature increases. * **Low Temp:** High Resistance. * **High Temp:** Low Resistance. * **Linearization:** Because the curve is exponential, it is typically used in a voltage divider circuit with a fixed resistor to provide a linear voltage output to a Microcontroller (MCU). --- ## 4. Typical Applications Due to its ruggedized nature and high accuracy, the B57504K is used in: 1. **Automotive Systems:** Coolant temperature sensing, oil temperature, and HVAC intake air sensors. 2. **Industrial Electronics:** Overheating protection for power semiconductors and motor windings. 3. **Home Appliances:** High-end ovens or heating systems where temperatures exceed the limits of standard plastic-coated sensors. --- ## 5. Wiring and Integration To integrate this into a circuit, a standard voltage divider is used: ```cpp // Basic Arduino-style Logic float resistance = R_fixed * (1023.0 / analogRead(sensorPin) - 1.0); float temperature = 1.0 / (log(resistance / R25) / B_value + 1.0 / 298.15) - 273.15; ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific R25 resistance value for the B57504K0103A001 variant?
    • ⤷ How does the B57504K differ from the B57540G series in terms of environmental protection?
    • ⤷ Can this sensor be used in direct contact with corrosive fluids?