データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • B7A-R3A18

  • AI
    The **B7A-R3A18** is a specific output module within Omron's **B7A Interface Terminal** series. This system is designed to reduce wiring complexity between PLCs and remote I/O devices by multiplexing signals onto a single two-wire cable. --- ## 1. Technical Specifications The B7A-R3A18 is a **receiver** unit that converts the transmitted serial signal back into individual digital outputs. | Feature | Specification | |:---|:---| | **Input/Output Type** | Output (Receiver) | | **Number of Points** | 16 Output Points | | **Output Type** | NPN Open Collector | | **Rated Load Voltage** | 12 to 24 VDC | | **Max Load Current** | 50 mA per point | | **Transmission Speed** | Standard (19.2 ms) or High-speed (3 ms) | | **Connection Method** | Screw Terminals | --- ## 2. Key Electronic Components & Functions ### A. The Signal Processing IC At the heart of the B7A-R3A18 is a custom CMOS integrated circuit. This chip performs: * **Demultiplexing:** It breaks down the high-speed serial pulse string received from the transmission line into 16 parallel data streams. * **Error Checking:** It monitors the "parity" or timing of incoming pulses. If the signal is corrupted or the cable is cut, the IC triggers a "Transmission Error" status. ### B. Output Stage (NPN Open Collector) Each of the 18 terminals (16 data + 2 status/power) uses an NPN transistor configuration: * **Switching:** When a signal is received, the transistor closes the circuit to the common (GND). * **Protection:** Most modules include internal flyback diodes to protect the transistors from voltage spikes when driving inductive loads like small relays or solenoids. ### C. Transmission Mode Switch There is a small physical switch on the unit to toggle between: 1. **Standard (Slow):** Better noise immunity, longer distance (up to 500m). 2. **High-speed:** Faster response time, shorter distance (up to 100m). --- ## 3. Terminal Arrangement The "18" in the model name refers to the 18-terminal layout: | Terminal No. | Function | |:---:|:---| | **1 - 16** | Individual Output Points (0 to 15) | | **17** | Power Supply (+V) | | **18** | Common / Ground (G) | --- ## 4. Usage Considerations * **Transmission Line:** Uses a single shielded or unshielded twisted pair. * **Wiring Savings:** Replaces 16 individual wires with just 2 signal wires. * **Status LED:** Includes a "SIG" (Signal) LED that flickers or stays lit when data is being successfully received.
    ✨ Follow-up Questions
    • ⤷ What is the maximum transmission distance for the B7A-R3A18?
    • ⤷ How do I wire an NPN output to a standard PLC input?
    • ⤷ What are the common causes of a 'Transmission Error' on this module?