データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BAME-R

  • AI
    The **BAME-R** (Bio-inspired Agile Micro-robot) is a highly specialized robotic platform designed for high-speed locomotion and agility. Its electronic architecture is focused on high power-to-weight ratios and precision control. Below is an explanation of the core electronic components typically found in a BAME-R system. --- ### 1. Core Electronic Components | Component | Function | Specifications | | :--- | :--- | :--- | | **Microcontroller (MCU)** | The "brain" of the robot; processes sensor data and executes control algorithms. | Often ARM Cortex-M series (e.g., Teensy or STM32) for high clock speeds. | | **Inertial Measurement Unit (IMU)** | Provides orientation, acceleration, and angular velocity data. | Usually 6-axis or 9-axis (Gyroscope + Accelerometer). | | **Motor Drivers** | Converts low-power control signals into high-current power for motors. | MOSFET-based H-bridges or dedicated Brushless (BLDC) ESCs. | | **Actuators** | Provides physical movement. | High-torque micro DC motors or coreless motors with high RPM. | | **Power Management** | Regulates voltage from the battery to sensitive electronics. | LiPo batteries (3.7V - 7.4V) with Buck/Boost converters. | --- ### 2. Control System Architecture The electronics are integrated using a feedback loop to maintain stability during high-speed maneuvers: 1. **Sensing:** The **IMU** detects a tilt or deviation in the robot's path. 2. **Processing:** The **MCU** runs a PID (Proportional-Integral-Derivative) loop to calculate the necessary correction. 3. **Execution:** The **Motor Driver** adjusts the PWM (Pulse Width Modulation) signal sent to the actuators. ### 3. Communication and Connectivity BAME-R units often utilize low-latency wireless modules for remote operation or telemetry: * **Bluetooth Low Energy (BLE):** For short-range configuration and smartphone interfacing. * **RF Transceivers (2.4GHz):** For long-range, real-time manual control with minimal lag. --- ### 4. Sample Code Structure (PWM Control) To control the speed of the motors via the microcontroller, a PWM signal is used. Below is a conceptual example in C++: ```cpp // Define Motor Pins const int motorPin = 9; void setup() { pinMode(motorPin, OUTPUT); } void loop() { // Set motor to 75% speed (255 is max for 8-bit PWM) analogWrite(motorPin, 191); delay(1000); } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for a BAME-R battery?
    • ⤷ How does the IMU assist in the robot's self-righting mechanism?
    • ⤷ Which motor drivers are most efficient for micro-robotic applications?