データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BAS70-AE3-R

  • AI
    The **BAS70-AE3-R** is a high-speed, small-signal Schottky barrier diode typically housed in a SOT-23 package. It is designed for high-speed switching applications, circuit protection, and clamping due to its low forward voltage drop and fast recovery time. --- ## 1. Technical Specifications The following table highlights the key electrical characteristics of the BAS70-AE3-R: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 70 | V | | **Forward Continuous Current** | $I_F$ | 70 | mA | | **Forward Voltage Drop (at 1mA)** | $V_F$ | < 410 | mV | | **Reverse Recovery Time** | $t_{rr}$ | < 5.0 | ns | | **Total Capacitance (at 0V, 1MHz)** | $C_{tot}$ | 2.0 | pF | | **Power Dissipation** | $P_D$ | 200 | mW | --- ## 2. Key Features * **Schottky Barrier Technology:** Utilizes a metal-to-silicon junction to achieve lower power loss compared to standard PN junction diodes. * **Ultrafast Switching:** The negligible reverse recovery time makes it ideal for high-frequency signal processing. * **Low Capacitance:** Its low internal capacitance ensures signal integrity in high-speed data lines. * **Small Footprint:** The SOT-23 (indicated by the AE3 code in many naming conventions) allows for high-density PCB layouts. --- ## 3. Typical Applications The BAS70 series is versatile and commonly found in: 1. **Signal Clamping:** Protecting sensitive IC inputs from overvoltage transients. 2. **Mixer Diodes:** Used in RF circuits for frequency conversion. 3. **Fast Switching:** Digital logic circuits requiring rapid state transitions. 4. **Reverse Polarity Protection:** Protecting low-power portable devices from incorrect battery insertion. --- ## 4. Package Configuration (SOT-23) The BAS70-AE3-R usually follows the standard 3-pin surface mount configuration: ```text [ Pin 3 ] (Cathode) |---| _____| |_____ | | |_______________| | | | [Pin 1] [Pin 2] (Anode) (No Internal Conn. or NC) ``` *(Note: Pin configurations can vary by manufacturer; always verify with the specific datasheet for the "AE3-R" suffix variant.)*
    ✨ Follow-up Questions
    • ⤷ How does the BAS70 compare to the BAT54 Schottky diode?
    • ⤷ What is the maximum operating temperature for this component?
    • ⤷ Are there dual-diode variations of the BAS70 in the same package?