データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BAS70S-AE3-R

  • AI
    The **BAS70S-AE3-R** is a specific surface-mount Schottky barrier diode. It is widely used in high-speed switching applications and circuit protection due to its low forward voltage drop and fast recovery time. --- ## 1. Component Overview The part belongs to the **BAS70** family, which consists of general-purpose Schottky diodes. The "S" suffix and the "AE3" packaging code typically denote specific configurations or package types depending on the manufacturer (most commonly associated with **UTC - Unisonic Technologies**). ### Technical Specifications | Parameter | Value (Typical) | | :--- | :--- | | **Type** | Schottky Barrier Diode | | **Max Repetitive Reverse Voltage ($V_{RRM}$)** | 70 V | | **Forward Continuous Current ($I_F$)** | 70 mA | | **Forward Voltage Drop ($V_F$)** | ~410mV @ 1mA | | **Reverse Recovery Time ($t_{rr}$)** | < 5.0 ns | | **Operating Temperature** | -55°C to +150°C | | **Package Type** | SOT-23 / SOT-323 (Configuration Dependent) | --- ## 2. Key Features * **Low Capacitance:** Extremely low junction capacitance makes it ideal for high-frequency signal detection. * **Fast Switching:** Schottky technology allows for near-instantaneous switching speeds. * **Low Forward Voltage:** Reduces power dissipation compared to standard silicon diodes. * **Ring Structure:** Many versions include a guard ring for stress protection and long-term stability. --- ## 3. Pinout and Internal Configuration The "S" in BAS70S often indicates a **Series Connection** (two diodes in series) within a 3-pin package. ```text Pin 3 (Cathode 2) | v [D2] ---| | [D1] ---| ^ | Pin 1 (Anode 1) Pin 2 (Common) ``` --- ## 4. Typical Applications 1. **Clamping Circuits:** Protecting sensitive IC inputs from overvoltage. 2. **Mixers and Detectors:** Used in RF stages for signal demodulation. 3. **High-Speed Logic:** Steering signals in digital circuits where delay must be minimized. 4. **Reverse Polarity Protection:** Protecting low-current battery-operated devices. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between BAS70 and BAS70-04 configurations?
    • ⤷ How does the forward voltage of a Schottky diode compare to a standard PN junction diode?
    • ⤷ Can the BAS70S be used for power rectification in high-current circuits?