データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BAS70SL-AE3-R

  • AI
    ## Overview of BAS70SL-AE3-R The **BAS70SL-AE3-R** is a high-speed Schottky barrier diode designed primarily for clamping, gating, and ultra-high-speed switching applications. It is characterized by its low forward voltage drop and fast recovery time. --- ### 1. Key Technical Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **Diode Type** | Schottky | Metal-semiconductor junction | | **Package Type** | SOD-523 | Small Outline Diode (Ultra-compact) | | **Max Forward Current ($I_F$)** | 70 mA | Maximum continuous current | | **Peak Reverse Voltage ($V_{RRM}$)** | 70 V | Maximum voltage in reverse bias | | **Forward Voltage ($V_F$)** | ~0.41V @ 1mA | Voltage drop at low current | | **Reverse Recovery Time ($t_{rr}$)** | < 5.0 ns | Time to switch from ON to OFF state | | **Operating Temperature** | -55 to +150 °C | Range for reliable operation | --- ### 2. Functional Characteristics * **Fast Switching:** Due to the Schottky construction, the device has minimal minority carrier storage, allowing it to switch states in nanoseconds. * **Low Capacitance:** Typically around **2pF**, which reduces signal distortion in high-frequency circuits. * **Small Footprint:** The SOD-523 package is ideal for space-constrained mobile and portable electronics. --- ### 3. Pinout and Internal Circuit The "SL" designation often refers to a **Single Diode** configuration within the package. ```text SOD-523 Package +-------+ | [|] | <-- Cathode Band +-------+ | | (K) (A) ``` * **Anode (A):** The positive terminal. * **Cathode (K):** The negative terminal (indicated by a bar/band on the body). --- ### 4. Typical Applications 1. **High-Frequency Rectification:** Used in RF signal detection. 2. **Voltage Clamping:** Protecting sensitive IC inputs from overvoltage transients. 3. **Reverse Polarity Protection:** Preventing damage if batteries or power supplies are connected incorrectly (in low-current paths). 4. **Signal Logic:** Used in high-speed diode-resistor logic gates.
    ✨ Follow-up Questions
    • ⤷What is the difference between BAS70SL and a standard 1N4148 switching diode?
    • ⤷ Can this diode be used for power rectification in high-current circuits?
    • ⤷ What are the specific soldering profile requirements for the SOD-523 package?