データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BAV20WSQ

  • AI
    The **BAV20WSQ** is a high-speed switching diode designed in a small surface-mount package. It is widely used in automotive, industrial, and consumer electronics for high-speed signal processing and protection. The "Q" suffix typically denotes that the part is **AEC-Q101 qualified**, meaning it meets the rigorous reliability standards required for automotive applications. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the BAV20WSQ: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 200 | V | | **Continuous Forward Current** | $I_F$ | 200 | mA | | **Reverse Recovery Time** | $t_{rr}$ | 50 | ns | | **Power Dissipation** | $P_D$ | 200 | mW | | **Forward Voltage Drop** (at 100mA) | $V_F$ | 1.0 (max) | V | | **Reverse Leakage Current** (at 150V) | $I_R$ | 100 | nA | --- ### 2. Physical and Package Details The BAV20WSQ is housed in a **SOD-323** package. This is a very small, leadless, surface-mount plastic package that is ideal for space-constrained circuit boards. * **Package Type:** SOD-323 * **Case Material:** Molded Plastic (UL Flammability Classification Rating 94V-0) * **Terminals:** Matte Tin Finish (Lead-free) * **Polarity:** Cathode band indicates the negative terminal. --- ### 3. Key Features * **Fast Switching Speed:** With a reverse recovery time ($t_{rr}$) of 50ns, it can handle rapid transitions without significant signal distortion. * **High Reverse Voltage:** Rated up to 200V, making it suitable for circuits that experience higher voltage spikes. * **Automotive Grade:** AEC-Q101 qualified, ensuring high reliability under thermal cycling and mechanical stress. * **Low Leakage:** Extremely low reverse leakage current ($I_R$) prevents power loss and heat buildup in high-impedance circuits. --- ### 4. Common Applications 1. **General Purpose Switching:** Turning signals on and off in logic circuits. 2. **Reverse Polarity Protection:** Protecting sensitive components from incorrectly connected power supplies. 3. **Signal Clamping:** Clipping voltage spikes in communication lines to prevent damage to integrated circuits (ICs). 4. **Automotive ECU:** Used in Engine Control Units and Body Control Modules due to its high reliability.
    ✨ Follow-up Questions
    • ⤷What is the difference between BAV20WS and BAV20WSQ?
    • ⤷ Can the BAV20WSQ be used for high-frequency RF rectification?
    • ⤷ What are the equivalent alternatives to the BAV20WSQ in a SOT-23 package?