データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BB178L-CC2-R

  • AI
    ## Electronic Overview: BB178L-CC2-R The **BB178L-CC2-R** is a specific type of electronic component known as a **Varicap Diode** (or Varactor Diode). It is primarily used in high-frequency tuning applications where capacitance needs to be controlled by an external voltage. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics typically associated with this part: | Parameter | Value | Description | |:---|:---|:---| | **Component Type** | Varactor / Varicap Diode | A diode designed to exploit voltage-dependent capacitance. | | **Capacitance ($C_d$)** | ~2.6 pF to 44 pF | The range of capacitance available during voltage tuning. | | **Reverse Voltage ($V_R$)** | 30V (Max) | The maximum reverse bias voltage allowed. | | **Package Type** | SOD-523 (SC-79) | A small, surface-mount plastic package. | | **Configuration** | Single | A single diode element per package. | | **Continuous Forward Current** | 20 mA | The maximum forward current the device can handle. | --- ### 2. Functional Principles The BB178L-CC2-R operates on the principle of the **PN junction depletion layer**: 1. **Reverse Bias:** When a reverse voltage is applied, the depletion region widens. 2. **Capacitance Control:** As the depletion region widens, the effective distance between the "plates" increases, which **decreases the capacitance**. 3. **Tuning:** By varying the voltage from 0V to approximately 28V-30V, the device acts as a variable capacitor in a resonant circuit. --- ### 3. Application Areas This component is commonly found in RF (Radio Frequency) circuits where electronic tuning is required: * **VCOs (Voltage Controlled Oscillators):** Used to set the frequency of an oscillator via a control voltage. * **TV/Radio Tuners:** Specifically designed for VHF and UHF electronic tuning in communication equipment. * **Phase Shifters:** Utilized in signal processing to adjust the phase of a high-frequency wave. * **Filters:** Used in electronically tunable bandpass or notch filters. --- ### 4. Package Dimensions (SOD-523) The "L" and "CC2" suffixes often denote specific packaging nuances (like lead-free status or tape-and-reel orientation). The SOD-523 is extremely compact, making it ideal for mobile and portable electronics: ```text SOD-523 Outline: _______ | | | <-- Cathode Band |___|___| | | <-- Dimensions approx 1.2mm x 0.8mm ```
    ✨ Follow-up Questions
    • ⤷ What is the capacitance ratio (Cmax/Cmin) for the BB178L?
    • ⤷ Can this diode be used in high-power RF transmitters?
    • ⤷ What are the recommended soldering profiles for the SOD-523 package?