データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BC-10-R

  • AI
    The **BC-10-R** typically refers to a high-performance **Battery Charger/Rectifier** module, often used in industrial power systems, telecommunications, or emergency backup systems. Below is a detailed breakdown of its electronic components and architectural design. --- ## 1. Core Component Breakdown The BC-10-R is designed as a modular power conversion unit. Its electronic parts can be categorized by their function within the power stage: | Component Category | Primary Parts | Function | | :--- | :--- | :--- | | **Input Stage** | Bridge Rectifier, MOV (Metal Oxide Varistor) | Converts AC to raw DC and provides surge protection. | | **Power Conversion** | MOSFETs / IGBTs | High-frequency switching to regulate voltage levels. | | **Control Logic** | Microcontroller / PWM Controller | Manages the charging algorithm (Bulk, Absorption, Float). | | **Magnetic Components** | High-Frequency Transformer, Inductors | Provides galvanic isolation and smooths current ripple. | | **Filtering Stage** | Electrolytic & Ceramic Capacitors | Reduces output noise and stabilizes DC voltage. | | **Protection Circuitry** | Shunt Resistors, Thermistors, Fuses | Monitors current flow and thermal state for safety. | --- ## 2. Technical Specifications & Features The electronic design of the BC-10-R focus on reliability and efficiency. Key technical aspects include: ### A. Regulation Mechanism * **Switch-Mode Power Supply (SMPS):** Unlike older linear chargers, the BC-10-R uses SMPS technology, which allows for a smaller footprint and higher efficiency (typically >85%). * **Voltage Regulation:** Maintains a steady output (usually 12V or 24V depending on the specific sub-model) even with fluctuating input voltages. ### B. Monitoring and Indicators * **LED Status Array:** Most units feature LEDs to indicate "AC ON," "Charging," "Fault," and "Battery Low." * **Communication Ports:** Some versions include an RS-485 or dry contact relay for remote monitoring of the charger's status. ### C. Protection Features * **Reverse Polarity Protection:** Prevents damage if the battery leads are connected incorrectly. * **Current Limiting:** Electronic sensors prevent the unit from drawing more current than the components can handle during a deep discharge state. --- ## 3. Circuit Operation Flow 1. **EMI Filter:** The AC input first passes through an EMI filter to prevent high-frequency noise from feeding back into the grid. 2. **Rectification & PFC:** The AC is turned into DC. Modern "R" series units often include **Power Factor Correction (PFC)** to optimize energy usage. 3. **DC-DC Conversion:** The high-voltage DC is chopped into high-frequency pulses, passed through a transformer for isolation, and stepped down to the battery charging voltage. 4. **Feedback Loop:** An optoisolator sends voltage/current data back to the control IC to adjust the pulse width (PWM), ensuring the battery is not overcharged. ---
    ✨ Follow-up Questions
    • ⤷What is the specific input voltage range for the BC-10-R?
    • ⤷ Does the BC-10-R support lithium-ion batteries or only lead-acid?
    • ⤷ How do I troubleshoot a 'Fault' LED on this specific module?