データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BC414B

  • AI
    ## BC414B NPN Epitaxial Silicon Transistor The **BC414B** is a specialized NPN bipolar junction transistor (BJT) designed primarily for low-noise, low-signal amplification. It is frequently used in high-fidelity audio preamplifiers and sensitive instrumentation due to its high gain and quiet operation. --- ### 1. Key Technical Specifications Below are the electrical characteristics typical for the "B" classification of this transistor. | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Collector-Emitter Voltage** | $V_{CEO}$ | 45 | V | | **Collector-Base Voltage** | $V_{CBO}$ | 50 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | 5.0 | V | | **Collector Current (DC)** | $I_C$ | 100 | mA | | **DC Current Gain** | $h_{FE}$ | 200 – 450 | - | | **Noise Figure** | $NF$ | 1.2 (Typ) | dB | | **Power Dissipation** | $P_{tot}$ | 300 | mW | --- ### 2. Pinout Configuration The BC414B usually comes in a **TO-92** plastic package. Looking at the flat side with the leads pointing down, the pinout is as follows: 1. **Collector (C):** Connected to the positive supply (via load). 2. **Base (B):** Controls the current flow between C and E. 3. **Emitter (E):** Usually connected to ground or a negative rail. --- ### 3. Features and Applications #### Core Features * **Low Noise:** Specifically engineered to have a very low noise figure, making it ideal for small signal inputs (like microphones or vinyl pickups). * **High Gain:** The "B" suffix indicates a specific gain range (200–450), which allows for significant signal boosting with minimal components. * **Complementary Pair:** The PNP equivalent for the BC414 is the **BC416**. #### Common Uses * **Audio Preamplifiers:** Used in the first stage of audio circuits where signal integrity is critical. * **Signal Processing:** Low-level signal switching and buffering. * **Tape Head Amplifiers:** Older analog technology requiring high sensitivity. --- ### 4. Comparison with Equivalents If the BC414B is unavailable, the following parts are often used as substitutes: * **BC547/BC548:** General purpose, but usually have a higher noise floor. * **BC550:** A very common low-noise alternative with similar specs. * **2N3904:** General purpose NPN (note: the pinout is often reversed compared to BC series).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the BC414B and the BC550?
    • ⤷ How does the gain 'B' classification compare to 'A' or 'C' versions?
    • ⤷ Can the BC414B be used in high-frequency RF applications?