データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BCL453232-R10M

  • AI
    ## Detailed Analysis of BCL453232-R10M The **BCL453232-R10M** is a surface-mount (SMD) wire-wound chip inductor. It is primarily used in power circuits, filtering, and communication devices for energy storage and noise suppression. --- ### 1. Technical Specifications The part number follows a standardized naming convention common in passive electronics. | Parameter | Specification | Details | | :--- | :--- | :--- | | **Inductance** | 0.10 µH (R10) | Low inductance for high-frequency applications. | | **Tolerance** | ±20% (M) | Standard tolerance for power inductors. | | **Case Size** | 4532 (Metric) / 1812 (Imperial) | Dimensions: 4.5mm x 3.2mm x 3.2mm. | | **Structure** | Wire-wound | Offers higher Q-factors and lower DCR than multilayer types. | | **Material** | Ferrite Core | High magnetic permeability and low losses. | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying equivalent components: * **BCL**: Series prefix (typically indicating a Wire-wound Inductor for Power/Signal lines). * **453232**: Dimensions (Length: 4.5mm, Width: 3.2mm, Height: 3.2mm). * **R10**: Inductance value. The "R" acts as a decimal point ($0.10\mu H$). * **M**: Tolerance code ($M = \pm20\%$). --- ### 3. Key Features * **High Impedance:** Excellent for noise suppression at high frequencies. * **Current Handling:** Due to the wire-wound design, it can handle higher rated currents compared to multilayer chips of the same size. * **Reliability:** The ferrite core provides high stability and durability across a wide temperature range (typically $-40^\circ C$ to $+125^\circ C$). --- ### 4. Common Applications This specific inductor is typically found in: 1. **DC-DC Converters:** Voltage regulation in portable devices. 2. **Filtering:** EMI/RFI suppression in communication equipment. 3. **Signal Lines:** Maintaining signal integrity in automotive or industrial electronics. 4. **Consumer Electronics:** Power management in hard drives and televisions. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (I-rated) for the BCL453232-R10M?
    • ⤷ What are the recommended soldering profiles for this 1812 package size?
    • ⤷ How does a ferrite core inductor differ from a ceramic core inductor in performance?