データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BCL453232-R15M

  • AI
    ## Technical Overview: BCL453232-R15M The **BCL453232-R15M** is a surface-mount device (SMD) wire-wound chip inductor designed primarily for high-frequency applications and power supply circuits. It belongs to the **4532 (1812)** size category. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **BCL** | Series Name | High-current/High-Q wire-wound chip inductor series. | | **453232** | Dimensions | L: 4.5mm, W: 3.2mm, T: 3.2mm (Metric). Corresponds to EIA 1812. | | **R15** | Inductance Value | R denotes the decimal point. $0.15 \mu H$. | | **M** | Tolerance | $\pm 20\%$ standard tolerance. | --- ### 2. Key Electrical Specifications While specific values can vary slightly by manufacturer (e.g., Bourns, Taiyo Yuden, or generic brands), the standard specs for an R15 (0.15µH) in this package are: * **Inductance:** $0.15 \mu H$ * **Tolerance:** $\pm 20\%$ * **Test Frequency:** Typically measured at $1.0\text{ MHz}$ or $25.2\text{ MHz}$ depending on the sub-series. * **DC Resistance (DCR):** Very low (usually $< 0.5 \Omega$), allowing for high efficiency. * **Rated Current (Idc):** High current handling capability, typically ranging from $450\text{ mA}$ to $800\text{ mA}$ based on heat rise. * **Self-Resonant Frequency (SRF):** High SRF (often $> 400\text{ MHz}$), making it suitable for RF filtering. --- ### 3. Construction and Material * **Core Material:** Usually Ferrite. Ferrite cores provide high permeability and low eddy current losses. * **Winding:** Wire-wound construction. This provides lower DC resistance and higher Q-factors compared to multilayer inductors. * **Termination:** Tin-plated (Sn) over Nickel (Ni) barrier to ensure excellent solderability and resistance to soldering heat. --- ### 4. Typical Applications The BCL453232 series is versatile and commonly found in: 1. **DC-DC Converters:** Used for energy storage and smoothing in power modules. 2. **EMI Suppression:** Filtering high-frequency noise in communication equipment. 3. **Signal Line Filtering:** Used in automotive electronics and industrial control systems due to its robust size and thermal stability. 4. **RF Circuits:** Matching networks and decoupling. --- ### 5. Physical Footprint (EIA 1812) | Dimension | Millimeters (mm) | Inches (in) | | :--- | :--- | :--- | | **Length (L)** | $4.5 \pm 0.3$ | $0.177 \pm 0.012$ | | **Width (W)** | $3.2 \pm 0.2$ | $0.126 \pm 0.008$ | | **Thickness (T)** | $3.2 \pm 0.2$ | $0.126 \pm 0.008$ | ---
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for the BCL453232 series?
    • ⤷ How does a wire-wound inductor differ from a multilayer inductor in performance?
    • ⤷ Can you provide a recommended PCB landing pattern for the 1812 package?