データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BCL453232-R22M

  • AI
    The **BCL453232-R22M** is a high-performance **Wire-Wound Chip Inductor** (SMD Inductor) commonly used in power management and signal filtering circuits. Below is a detailed breakdown of its specifications and electronic properties. ### 1. Technical Specifications The part number follows a standardized naming convention that describes its physical and electrical characteristics: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Inductance** | 0.22 µH | The "R22" indicates 0.22 microhenries. | | **Tolerance** | ±20% | The "M" suffix denotes a 20% tolerance range. | | **Case Size (Metric)** | 4532 | 4.5mm x 3.2mm (Equivalent to 1812 Imperial size). | | **Technology** | Wire-Wound | High Q-factor and higher current handling. | | **Mounting Type** | SMD / SMT | Surface Mount Device. | --- ### 2. Key Electronic Properties As a wire-wound inductor, the BCL453232-R22M possesses specific behaviors crucial for circuit design: * **Low DC Resistance (DCR):** Due to the wire-wound construction, these inductors offer lower resistance compared to multilayer types, which reduces power loss and heat generation. * **Self-Resonant Frequency (SRF):** This component is designed to operate effectively in high-frequency ranges. Above the SRF, the inductor behaves capacitively. * **Saturation Current:** It can handle relatively high currents before the magnetic core saturates, which would cause the inductance value to drop. * **Magnetic Shielding:** While many BCL series parts are unshielded, they are designed with high-quality ferrite cores to minimize electromagnetic interference (EMI). --- ### 3. Common Applications This specific inductor is typically found in the following electronic environments: 1. **Power Supply Modules:** Used in DC-DC converters to smooth current ripples. 2. **Consumer Electronics:** Integrated into laptops, digital cameras, and mobile devices. 3. **Communication Equipment:** Found in base stations and networking hardware for signal conditioning. 4. **Filtering:** Used in LC filters to block high-frequency noise while allowing DC to pass. --- ### 4. Part Number Breakdown (BCL453232-R22M) | Segment | Meaning | | :--- | :--- | | **BCL** | Series Name (Wire-wound Inductor) | | **453232** | Dimensions (Length 4.5mm, Width 3.2mm, Height 3.2mm) | | **R22** | Inductance Value (0.22 µH) | | **M** | Tolerance (±20%) |
    ✨ Follow-up Questions
    • ⤷ What is the maximum rated current for the BCL453232-R22M?
    • ⤷ What are the primary differences between the BCL series and the BRC series inductors?
    • ⤷ How does the SRF (Self-Resonant Frequency) impact the performance of this inductor?