データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BCP53_16

  • AI
    The **BCP53-16** is a widely used Medium Power PNP Transistor designed for general-purpose switching and amplification. It is part of the BCP53 series and is particularly valued for its compact surface-mount profile and high current handling. --- ### 1. Key Technical Specifications The "16" suffix in BCP53-16 refers to the **DC Current Gain ($h_{FE}$)** selection, indicating a range of 100 to 250. | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Collector-Emitter Voltage** | $V_{CEO}$ | -80 V | | **Collector-Base Voltage** | $V_{CBO}$ | -100 V | | **Emitter-Base Voltage** | $V_{EBO}$ | -5 V | | **Collector Current (DC)** | $I_C$ | -1.5 A | | **Peak Collector Current** | $I_{CM}$ | -2.0 A | | **Total Power Dissipation** | $P_{tot}$ | 1.35 W (on FR-4 PCB) | | **DC Current Gain** | $h_{FE}$ | 100 – 250 | --- ### 2. Pin Configuration (SOT-223) The BCP53-16 is typically housed in an **SOT-223** plastic package, which features a large tab for heat dissipation. | Pin Number | Assignment | Description | | :--- | :--- | :--- | | 1 | **Base** | Controls the transistor bias | | 2 / 4 | **Collector** | The tab (Pin 4) is internally connected to Pin 2 | | 3 | **Emitter** | Current exit point for PNP | --- ### 3. Key Features * **High Current Capability:** Handles up to 1.5A, which is high for its small footprint. * **Medium Voltage:** Rated for up to 80V, making it suitable for automotive and industrial power rails. * **Complementary Pair:** Its NPN counterpart is the **BCP56-16**. Using these together allows for push-pull amplifier stages. * **Thermal Efficiency:** The SOT-223 package allows for better heat management than smaller SOT-23 packages. --- ### 4. Common Applications * **Power Management:** Used in linear voltage regulators and battery charging circuits. * **Driving Loads:** Switching medium-power loads like small motors, relays, or high-brightness LEDs. * **Amplification:** Used in the output stages of audio amplifiers or as a driver for high-power transistors. --- ### 5. Simple Usage Example (Switching) In a PNP switching circuit, the load is typically connected between the Collector and Ground. The Emitter is connected to the positive supply. ```markdown Supply (+V) ----> [Emitter] [Base] <---- Resistor <---- Logic Signal (Low to Turn ON) [Collector] ----> [Load] ----> Ground ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the BCP53-10 and BCP53-16 versions?
    • ⤷ How do I calculate the base resistor for a BCP53-16 switching a 1A load?
    • ⤷ What are the recommended thermal heatsinking strategies for the SOT-223 package?