データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BGF200

  • AI
    ## BGF200: Wideband Bluetooth Filter and ESD Protection The **BGF200** is a highly integrated passive component manufactured by Infineon Technologies. It is designed specifically for mobile communication devices, functioning as a combined **low-pass filter** and **ESD protection** device for Bluetooth applications. --- ### 1. Key Technical Specifications The BGF200 is optimized for the 2.4 GHz ISM band. Below are the primary technical parameters: | Parameter | Value / Range | | :--- | :--- | | **Frequency Range** | 2.4 GHz - 2.4835 GHz | | **Insertion Loss** | Typ. 0.8 dB (at 2.44 GHz) | | **Stopband Attenuation** | > 25 dB (at 4.8 - 5.0 GHz) | | **ESD Protection** | Up to 15 kV (Air), 8 kV (Contact) | | **Package Type** | WLP (Wafer Level Package) | | **Impedance** | 50 $\Omega$ Nominal | --- ### 2. Functional Components The device integrates multiple electronic functions into a single silicon die: * **Low-Pass Filter (LPF):** It suppresses higher-order harmonics (specifically the 2nd and 3rd harmonics) generated by the Bluetooth transceiver. This ensures compliance with EMI (Electromagnetic Interference) regulations. * **ESD Protection Diodes:** Integrated diodes protect the sensitive RF front-end circuitry from high-voltage electrostatic discharge events through the antenna or interface pins. * **Matching Network:** The internal structure provides a 50-ohm impedance match, reducing the need for external surface-mount inductors or capacitors. --- ### 3. Benefits and Applications Using a BGF200 in an electronic design offers several advantages over discrete solutions: 1. **Space Efficiency:** Its Wafer Level Package (WLP) occupies significantly less PCB area than discrete LC filters. 2. **Signal Integrity:** By placing the ESD protection and filtering in one unit, parasitic inductance from traces is minimized. 3. **Cost Reduction:** Reduces the total Bill of Materials (BOM) count. **Common Applications:** * Mobile Phones and Smartphones. * Bluetooth headsets and wearables. * IoT modules utilizing 2.4 GHz radio frequencies. --- ### 4. Typical Connection Diagram (Simplified) In a standard circuit, the BGF200 sits between the Bluetooth Transceiver and the Antenna. ```mermaid graph LR A[BT Transceiver] --- B[BGF200 Filter/ESD] B --- C[Antenna] ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific pinout configurations for the BGF200 package?
    • ⤷ How does the BGF200 compare to the BGF202 model?
    • ⤷ What is the maximum power rating the BGF200 can handle?