データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BH43-R

  • AI
    The **BH43-R** typically refers to a high-performance **Brushless DC (BLDC) Motor**, commonly utilized in industrial automation, medical equipment, and precision robotics. Below is an overview of its electronic components and technical specifications. --- ### 1. Core Technical Specifications The "BH" series often follows a standard nomenclature for frame size and winding type. Here are the typical electronic characteristics: | Parameter | Specification (Typical) | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Input Voltage** | 24V - 48V DC | | **Rated Speed** | 3000 - 4000 RPM | | **Phase Connection** | 3-Phase Wye (Star) | | **Feedback System** | Hall Effect Sensors (120° electrical spacing) | | **Insulation Class** | Class B or F (Up to 155°C) | --- ### 2. Key Electronic Components #### A. Internal Stator Windings * **Copper Coils:** The BH43-R uses high-purity copper windings. These are stationary and receive the three-phase current to generate a rotating magnetic field. * **Insulation:** Specialized coatings prevent short-circuiting between the densely packed wires. #### B. Feedback Electronics (Sensors) * **Hall Effect Sensors:** The "R" in the model often signifies a specific feedback configuration. These sensors detect the position of the permanent magnet rotor and send logic signals to the external controller to ensure correct commutation. * **PCB Interface:** A small internal Printed Circuit Board (PCB) handles the logic signals from the sensors and provides a stable connection for the output wires. #### C. Permanent Magnet Rotor * High-energy Neodymium magnets are usually mounted on the shaft. Unlike brushed motors, there are no electrical parts on the moving rotor, reducing electronic noise and wear. --- ### 3. Wiring Configuration The BH43-R usually features an 8-wire lead system: 1. **Phase Wires (High Power):** * **Phase U/A** * **Phase V/B** * **Phase W/C** 2. **Sensor Wires (Low Power):** * **VCC:** (Usually +5V to +12V DC) * **GND:** (Common Ground) * **Hall A / Hall B / Hall C:** (Digital signal outputs) --- ### 4. Required External Electronics To operate the BH43-R, you cannot plug it directly into a DC power supply; it requires an **Electronic Speed Controller (ESC)** or **BLDC Driver**. * **Logic Controller:** Processes the Hall sensor signals. * **MOSFET Bridge:** Six MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors) switch the power to the phases in the correct sequence. * **Current Protection:** Integrated circuits to monitor over-current and thermal limits.
    ✨ Follow-up Questions
    • ⤷ What are the specific torque ratings for the BH43-R model?
    • ⤷ Can the BH43-R be used with a sensorless ESC?
    • ⤷ What are the common industrial applications for this specific motor?