データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BKSLASHPCB-1-R

  • AI
    The **BKSLASHPCB-1-R** is a specific printed circuit board (PCB) identification typically associated with mechanical keyboards, specifically the **Backslash ( \ )** project or similar custom enthusiast builds. Below is a detailed breakdown of the electronic components and technical specifications associated with this type of PCB. --- ### 1. Technical Specifications The "1-R" designation usually indicates a specific revision (Revision 1, Right-hand or Red variant). These PCBs are generally designed for high-performance input and customization. | Feature | Specification | | :--- | :--- | | **Microcontroller (MCU)** | Typically ATmega32U4 or RP2040 (depending on version) | | **Interface** | USB Type-C | | **Switch Compatibility** | MX-style (3-pin or 5-pin) | | **Mounting Style** | Gasket mount or Tray mount compatible | | **Backlighting** | Per-key RGB or Underglow (optional) | | **Firmware Support** | QMK / VIA / VIAL | --- ### 2. Core Electronic Components The functionality of the BKSLASHPCB-1-R relies on several key Surface Mount Devices (SMD): #### A. Microcontroller Unit (MCU) The "brain" of the PCB. It translates physical key presses into USB HID signals that the computer understands. * **Common Chip:** Atmega32U4 (8-bit) or Raspberry Pi RP2040 (32-bit). * **Function:** Handles the matrix scanning and RGB logic. #### B. Diodes (1N4148W or similar) Every switch position on the PCB is paired with a small switching diode. * **Purpose:** Prevents "ghosting" or "masking." It ensures that current only flows in one direction, allowing the MCU to detect multiple simultaneous key presses (N-Key Rollover). #### C. Hot-Swap Sockets (Kailh/Gateron) If the board is the "R" (Hot-swap) version, it features specialized sockets soldered to the back. * **Function:** Allows users to change mechanical switches without soldering. #### D. ESD Protection Located near the USB-C port, these small ICs protect the MCU from static electricity discharges when plugging/unplugging the cable. --- ### 3. Layout and Matrix The BKSLASH series often focuses on specific layouts (like 65% or 75%). The "1-R" specific trace routing usually follows a standard matrix: 1. **Rows and Columns:** The PCB uses a grid system to minimize the number of pins required on the MCU. 2. **Reset Button:** A physical button on the underside to put the PCB into "Bootloader Mode" for flashing new firmware. 3. **ISP/JTAG Headers:** Small pads used for initial factory programming. --- ### 4. Software Compatibility The electronic hardware is designed to be "open," meaning it supports open-source firmware: ```json { "firmware_type": "QMK", "features": { "remap_keys": true, "macro_support": true, "lighting_layers": 4 } } ```
    ✨ Follow-up Questions
    • ⤷ How do I flash new firmware onto the BKSLASHPCB-1-R?
    • ⤷ What are the specific dimensions for the BKSLASHPCB-1-R mounting holes?
    • ⤷ Is the BKSLASHPCB-1-R compatible with screw-in or clip-in stabilizers?