データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BL-R1132C

  • AI
    The **BL-R1132C** is a highly integrated, low-power Wi-Fi module based on the **Realtek RTL8188CUS** or **RTL8188EUS** chipset (depending on the specific revision). It is designed to provide wireless network connectivity to devices via a USB interface. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188 (CUS/EUS/FTV) | | **Interface** | USB 2.0 / 1.1 | | **Frequency Range** | 2.412 GHz ~ 2.4835 GHz | | **Wireless Standard** | IEEE 802.11b/g/n | | **Data Rate** | Up to 150 Mbps (1T1R) | | **Operating Voltage** | 3.3V DC (±10%) | | **Antenna Type** | External (via I-PEX connector or solder pad) | --- ### 2. Major Electronic Components The module consists of several critical sub-components that manage power, signal processing, and RF transmission: #### A. The Main SoC (System on Chip) The heart of the module is the **Realtek RTL8188** series IC. This chip combines: * **MAC (Media Access Control):** Manages the Wi-Fi protocols and data framing. * **Baseband Processor:** Handles the digital-to-analog conversion of data. * **RF Transceiver:** Manages the radio frequency transmission and reception. #### B. Crystal Oscillator Usually a **40MHz** crystal. It provides the precise clock frequency required for the RF carrier wave and the timing of the digital processor. #### C. RF Front-End * **Band Pass Filter (BPF):** Removes unwanted noise outside the 2.4GHz spectrum. * **Impedance Matching Circuit:** A network of small capacitors and inductors (LC circuit) that ensures maximum power transfer between the chip and the antenna. #### D. Power Management Because the module typically runs on 3.3V but is often connected to 5V USB systems, it includes integrated **LDO (Low-Dropout Regulators)** to stabilize the voltage and protect the sensitive RF components from power spikes. --- ### 3. Pinout Configuration (Typical 4-6 Pin) Most BL-R1132C modules utilize a standard header or SMT pads: 1. **VDD:** 3.3V Power Supply. 2. **USB_D-:** USB Data Minus. 3. **USB_D+:** USB Data Plus. 4. **GND:** Ground. 5. **RF_ANT:** Antenna output (if not using the I-PEX connector). 6. **CHIP_EN / SUSPEND:** Power down or wake-up control. --- ### 4. Application Use Cases * **IP Cameras:** Providing wireless streaming capabilities. * **OTT/STB Boxes:** Adding Wi-Fi to Android TV boxes. * **Printers:** Enabling wireless printing. * **Embedded Systems:** Connecting Raspberry Pi or Arduino-like industrial boards to a network. ---
    ✨ Follow-up Questions
    • ⤷ How do I interface this module with a 5V microcontroller like an Arduino?
    • ⤷ What is the difference between the RTL8188CUS and RTL8188EUS versions?
    • ⤷ Does this module support 'Monitor Mode' for network testing?