データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BL-R1133

  • AI
    The **BL-R1133** is a high-performance, low-cost wireless network module commonly used in embedded systems. It is primarily based on the **Realtek RTL8188FTV** chipset and is designed to provide Wi-Fi connectivity via a USB interface. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188FTV | | **Interface** | USB 2.0 (High Speed) | | **Wireless Standard** | IEEE 802.11b/g/n | | **Frequency Range** | 2.412GHz ~ 2.484GHz | | **Data Rate** | Up to 150Mbps (802.11n) | | **Operating Voltage** | 3.3V DC (±10%) | | **Antenna** | External via IPEX connector or PCB trace | --- ### 2. Hardware Components & Architecture The module consists of several critical electronic sections that allow it to function as a compact Wi-Fi adapter: #### A. The Main SoC (RTL8188FTV) This is the "brain" of the module. It integrates the MAC (Media Access Control), a 1T1R (1 Transmit, 1 Receive) Baseband, and the RF (Radio Frequency) transceiver into a single chip. #### B. The RF Front-End * **Crystal Oscillator:** Usually a 40MHz crystal that provides the timing reference for the radio frequencies. * **RF Matching Circuit:** A network of inductors and capacitors (L-C network) tuned to 2.4GHz to ensure maximum power transfer to the antenna and minimize signal reflection. #### C. Power Management The module typically operates on **3.3V**. It includes internal Low Dropout (LDO) regulators to step down voltages for the sensitive digital core and analog RF sections, ensuring stable performance even if there is slight noise on the power line. --- ### 3. Pinout Configuration Most BL-R1133 modules use a 4-pin to 6-pin stamp hole (castellated) interface for easy soldering onto a PCB. | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **3.3V** | Power Supply Input | | 2 | **USB_D-** | USB Data Minus | | 3 | **USB_D+** | USB Data Plus | | 4 | **GND** | Ground | | 5 | **CHIP_EN** | Chip Enable / Reset (Active High) | --- ### 4. Applications Due to its small form factor and low power consumption, it is frequently used in: * **OTT Boxes:** Smart TV boxes and IPTV players. * **IP Cameras:** Providing wireless video transmission. * **Dash Cams:** Transferring footage to smartphones. * **IoT Gateways:** Acting as a bridge between local sensors and the internet.
    ✨ Follow-up Questions
    • ⤷ How does the RTL8188FTV compare to the newer RTL8188EUS chipset?
    • ⤷ What are the specific power consumption ratings in Sleep vs. Active mode?
    • ⤷ Can this module be used with Linux-based systems like Raspberry Pi?