データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BL-R133

  • AI
    The **BL-R133** is a low-cost, high-performance IEEE 802.11b/g/n wireless LAN (WLAN) module. It is primarily designed around the **Realtek RTL8188EUS** (or RTL8188ETV) chipset and is widely used in tablets, laptops, smart TVs, and IP cameras. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and performance characteristics of the BL-R133 module: | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188EUS / RTL8188ETV | | **Interface** | USB 2.0 (High Speed) | | **Wireless Standards** | IEEE 802.11b, IEEE 802.11g, IEEE 802.11n | | **Frequency Range** | 2.4GHz – 2.4835GHz | | **Data Rate** | Up to 150Mbps (802.11n) | | **Operating Voltage** | 3.3V DC (±0.2V) | | **Power Consumption** | ~110mA (Active), ~40mA (Standby) | | **Antenna Type** | External (usually via a pin or IPEX connector) | --- ### 2. Internal Electronic Architecture The BL-R133 consists of several critical electronic sections integrated into a small PCB footprint: #### A. The Main SoC (RTL8188) This is the "brain" of the module. It integrates the MAC (Medium Access Control), a 1T1R (1 Transmit, 1 Receive) Baseband, and the RF Radio into a single chip. It handles the conversion of USB data into radio waves. #### B. The RF Front-End * **Power Amplifier (PA):** Boosts the signal for transmission. * **Low Noise Amplifier (LNA):** Increases the sensitivity for receiving weak signals from the router. * **RF Switch:** Toggles the antenna between transmit (TX) and receive (RX) modes. #### C. Power Management The module typically operates on **3.3V**. It includes internal Low Dropout (LDO) regulators to step down voltages for the sensitive digital core and the RF sections to ensure signal stability and noise reduction. #### D. Clock Source A high-precision **Crystal Oscillator** (usually 40MHz) provides the timing reference necessary for frequency synthesis and data synchronization. --- ### 3. Pinout and Interface The module usually features a 4-pin or 6-pin physical interface for connecting to a host microcontroller or CPU: 1. **VDD:** 3.3V Power Supply. 2. **USB_D-:** USB Data Minus. 3. **USB_D+:** USB Data Plus. 4. **GND:** Ground. 5. **RF_ANT:** Output for the Wi-Fi antenna (if not using a built-in PCB antenna). --- ### 4. Software and Drivers The BL-R133 is highly compatible across various operating systems because of the mature Realtek driver stack: * **Linux:** Supported via the `rtl8188eu` kernel module. * **Android:** Commonly integrated into ARM-based tablet firmware. * **Windows:** Supports XP through Windows 11. ---
    ✨ Follow-up Questions
    • ⤷ How do I interface the BL-R133 with an Arduino or Raspberry Pi?
    • ⤷ What is the difference between the RTL8188EUS and RTL8188ETV chipsets used in this module?
    • ⤷ Can this module be used in 'Access Point' mode for creating a hotspot?