データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BL-R2131

  • AI
    ## Overview of the BL-R2131 Module The **BL-R2131** is a high-performance, low-cost IEEE 802.11b/g/n wireless local area network (WLAN) module. It is primarily designed to provide Wi-Fi connectivity to embedded systems via a standard SDIO interface. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Main Chipset** | Realtek RTL8189ES | | **Interface** | SDIO 1.1 / 2.0 | | **Wi-Fi Standard** | IEEE 802.11b, 802.11g, 802.11n | | **Operating Frequency** | 2.412GHz ~ 2.484GHz | | **Data Rate (Max)** | 150 Mbps (802.11n) | | **Operating Voltage** | 3.3V ± 0.2V | | **Antenna Type** | External (via I-PEX connector or pad) | --- ### Functional Components The internal architecture of the BL-R2131 consists of several critical electronic sections: 1. **MAC/Baseband Processor:** The RTL8189ES chip handles the Medium Access Control (MAC) and Baseband processing. It implements the physical layer (PHY) for high-speed wireless communication. 2. **RF Front-End:** Includes the Power Amplifier (PA), Low Noise Amplifier (LNA), and RF Transceiver. This section manages the transmission and reception of radio signals at 2.4GHz. 3. **Power Management Unit (PMU):** The module regulates the 3.3V input to lower voltages required by the internal core logic (typically 1.2V and 1.8V). 4. **Clock/Crystal:** An onboard 26MHz or 40MHz crystal oscillator provides the timing reference for the RF and digital logic. --- ### Pin Configuration Summary The module typically uses a stamp-hole (castellated) package for easy PCB mounting. | Pin Number | Name | Type | Description | | :--- | :--- | :--- | :--- | | 1 | **SD_D2** | I/O | SDIO Data Line 2 | | 2 | **SD_D3** | I/O | SDIO Data Line 3 | | 3 | **SD_CMD** | I/O | SDIO Command Line | | 4 | **SD_CLK** | I | SDIO Clock Input | | 5 | **SD_D0** | I/O | SDIO Data Line 0 | | 6 | **SD_D1** | I/O | SDIO Data Line 1 | | 7 | **VDD33** | P | 3.3V Power Supply | | 8 | **GND** | P | Ground | | 9 | **ANT** | RF | Antenna Output (50 Ohm) | --- ### Typical Application Circuit When integrating the BL-R2131 into a design, the hardware engineer must ensure proper SDIO pull-up resistors and decoupling capacitors. ```c // Example of SDIO Initialization in C (Pseudo-code) void wifi_module_init() { power_on_wifi_vdd(3.3V); // Supply power to VDD33 set_sdio_clock(25MHz); // Set initial SDIO frequency if (sdio_handshake() == SUCCESS) { load_rtl8189es_firmware(); // Load Realtek driver } } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels for BL-R2131 in sleep versus active modes?
    • ⤷ Which operating systems provide native driver support for the RTL8189ES chipset?
    • ⤷ What is the recommended layout guidance for the 50-ohm RF trace?