データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BL-R2132

  • AI
    The **BL-R2132** is a highly integrated, low-cost IEEE 802.11b/g/n WLAN module. It is designed to provide wireless connectivity for embedded devices, IoT applications, and consumer electronics. --- ### 1. Core Specifications The module is typically based on the **Realtek RTL8188FTV** or similar chipset, depending on the specific hardware revision. | Parameter | Specification | | :--- | :--- | | **Standard** | IEEE 802.11b/g/n | | **Interface** | USB 2.0 (High Speed) | | **Frequency Range** | 2.412 GHz ~ 2.4835 GHz | | **Data Rate** | Up to 150 Mbps (1T1R) | | **Operating Voltage** | 3.3V ± 0.2V | | **Antenna Type** | External (via I-PEX or soldering) | --- ### 2. Key Electronic Components The internal architecture of the BL-R2132 consists of several critical stages: 1. **MAC/Baseband Processor:** Handles the 802.11 protocols, encryption (WEP/WPA/WPA2), and packet management. 2. **RF Transceiver:** Manages the up-conversion and down-conversion of radio signals. 3. **Power Management Unit (PMU):** Regulates the internal 3.3V input to lower voltages required by the core logic. 4. **Crystal Oscillator:** Provides a stable clock frequency (usually 40MHz) for the radio and processor. 5. **Front-End Module (FEM):** Includes the Power Amplifier (PA) for transmission and the Low Noise Amplifier (LNA) for reception. --- ### 3. Pinout Description Most versions of this module use a 4-pin or 6-pin interface for the USB connection. | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **3.3V** | Power Supply Input | | 2 | **USB_D-** | USB Data Minus | | 3 | **USB_D+** | USB Data Plus | | 4 | **GND** | Ground | | 5 | **RF_ANT** | RF Output (if no I-PEX connector) | | 6 | **CHIP_EN** | Chip Enable (Active High) | --- ### 4. Hardware Implementation Notes * **Power Filtering:** It is recommended to place a 10µF and a 0.1µF decoupling capacitor close to the 3.3V pin to reduce ripple noise. * **RF Layout:** The trace from the RF pin to the antenna must be a 50Ω impedance-controlled microstrip line to prevent signal loss. * **Thermal Management:** While the module is low-power, ensure the ground plane under the module is solid to act as a heat sink during high-speed data transmission.
    ✨ Follow-up Questions
    • ⤷What are the power consumption levels for BL-R2132 during TX/RX modes?
    • ⤷ Does the BL-R2132 support Soft-AP mode for IoT setup?
    • ⤷ How does the RTL8188FTV chipset differ from the older RTL8188EUS?