データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BL-R3138C

  • AI
    The **BL-R3138C** is a highly integrated, low-power Wi-Fi module based on the **Realtek RTL8188CTV** or **RTL8188EUS** chipset (depending on the specific revision). It is designed to provide wireless network connectivity to devices via a standard USB 2.0 interface. --- ### ## Technical Specifications Below are the core technical parameters for the BL-R3138C module: | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188 series | | **Standard** | IEEE 802.11b/g/n | | **Interface** | USB 2.0 (High Speed) | | **Frequency Range** | 2.412 GHz ~ 2.484 GHz | | **Data Rate** | Up to 150 Mbps | | **Operating Voltage** | 3.3V DC (±0.2V) | | **Antenna** | External (via I-PEX connector or pin-out) | | **Modulation** | OFDM, CCK, DQPSK, DBPSK | --- ### ### Key Electronic Components & Architecture The module consists of several critical sub-systems that allow it to function as a wireless bridge: 1. **Main Controller (IC):** The Realtek SoC acts as both the MAC (Media Access Control) and the Baseband processor. It handles the USB-to-Wi-Fi protocol conversion. 2. **RF Front-End:** Includes an integrated Power Amplifier (PA) for transmitting signals and a Low Noise Amplifier (LNA) for receiving weak signals from the air. 3. **Crystal Oscillator:** Usually a **40MHz** high-precision crystal that provides the clock signal necessary for the synchronization of radio frequencies. 4. **Power Management:** Internal LDOs (Low Dropout Regulators) convert the input 3.3V into the lower voltages (usually 1.2V) required by the core logic. 5. **EEPROM/Flash:** Stores the MAC address, calibration data, and device ID (VID/PID). --- ### ### Pin Assignment (Typical 4-Pin / 6-Pin Layout) In most embedded applications, the BL-R3138C uses a small form-factor header. The basic connections are: ```markdown 1. VCC -> 3.3V Power Supply 2. USB- -> USB Data Minus 3. USB+ -> USB Data Plus 4. GND -> Ground 5. RF -> Antenna Output (if not using I-PEX) ``` --- ### ### Applications * **IP Cameras:** Providing wireless streaming for security systems. * **OTT/STB Boxes:** Adding Wi-Fi connectivity to smart TV boxes. * **Portable Devices:** Handheld terminals and medical monitors. * **IoT Gateways:** Serving as a communication bridge for smart home hubs.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels during active transmission?
    • ⤷ How do I configure the external antenna for optimal gain?
    • ⤷ Is this module compatible with Linux and Android drivers?