データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BL-R4115

  • AI
    The **BL-R4115** is a highly integrated, low-power **Wi-Fi + Bluetooth (BLE)** combo module. It is designed by B-Link (and similar manufacturers) primarily for IoT (Internet of Things) applications, smart home appliances, and wireless sensor networks. --- ## 1. Core Technical Specifications The module is typically based on a Realtek chipset (often the **RTL8715** series or similar), providing a balance between processing power and connectivity. | Feature | Specification | | :--- | :--- | | **Connectivity** | Wi-Fi 802.11 b/g/n + Bluetooth v4.2/5.0 | | **Wi-Fi Speed** | Up to 150 Mbps (1T1R) | | **Frequency Range** | 2.400GHz ~ 2.4835GHz | | **Operating Voltage** | 3.3V DC (±10%) | | **Interface** | SDIO 2.0 / UART / GPIO / PWM | | **Antenna** | External via IPEX connector or PCB trace | --- ## 2. Key Electronic Components & Subsystems ### A. The SoC (System on Chip) The heart of the module is a high-performance CMOS chip that integrates: * **MCU:** A processor (often ARM Cortex-M based) to handle the wireless stacks and user applications. * **MAC/Baseband:** Processes the Wi-Fi and Bluetooth protocols. * **RF Transceiver:** Manages the radio waves for transmission and reception. ### B. Power Management Unit (PMU) The module contains internal LDOs (Low Dropout Regulators) and power-saving logic. This allows the device to enter "Deep Sleep" or "Standby" modes, which is critical for battery-operated IoT devices. ### C. Clock Circuitry It includes a high-precision **Crystal Oscillator** (usually 40MHz). This provides the timing reference necessary for stable RF communication and synchronized data transfer. ### D. RF Front End This section consists of: * **Band-pass Filters:** To remove noise and interference from other signals. * **Impedance Matching:** Ensures maximum power transfer to the antenna. * **Antenna Port:** Usually features an **IPEX/U.FL** connector for an external antenna or a copper PCB antenna. --- ## 3. Pin Configuration & Interface The module usually adopts a "Stamp Hole" (castellated holes) design for easy SMT (Surface Mount Technology) assembly. | Pin Type | Description | | :--- | :--- | | **Power** | VDD (3.3V) and GND. | | **Control** | CHIP_EN (Enable/Reset) and BOOT pins. | | **Data** | SDIO lines for high-speed Wi-Fi data; UART for Bluetooth data or debugging. | | **GPIO** | General purpose pins for controlling LEDs, sensors, or relays. | --- ## 4. Common Applications Due to its small footprint and low power consumption, the BL-R4115 is found in: 1. **Smart Lighting:** Controlling RGB LED strips via smartphone apps. 2. **IP Cameras:** Low-resolution video streaming over Wi-Fi. 3. **Smart Outlets:** Relaying power status and remote switching. 4. **Industrial Sensors:** Monitoring temperature/humidity and reporting to a cloud server. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the BL-R4115 and the ESP32 module?
    • ⤷ How do I interface the BL-R4115 with an Arduino using UART?
    • ⤷ Does the BL-R4115 support WPA3 security standards?