データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BL-R413P

  • AI
    The **BL-R413P** is a high-performance, low-cost wireless network adapter module based on the **Realtek RTL8188FTV** chipset. It is commonly used in embedded systems, OTT boxes, IP cameras, and smart home appliances to provide stable Wi-Fi connectivity. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188FTV | | **Interface** | USB 2.0 (standard 4-pin) | | **Wireless Standard** | IEEE 802.11b/g/n | | **Frequency Range** | 2.4GHz - 2.4835GHz | | **Data Rate** | Up to 150Mbps | | **Operating Voltage** | 3.3V ±0.2V | | **Antenna Type** | External (usually via I-PEX or solder pad) | --- ### 2. Core Electronic Components The module is composed of several critical internal sections: * **RTL8188FTV IC:** The "brain" of the module. It integrates the MAC, Baseband, and Radio Frequency (RF) into a single CMOS chip. It manages the signal processing and data flow between the USB interface and the air. * **Crystal Oscillator (24MHz or 40MHz):** Provides the precise clock frequency required for the RF radio to stay tuned to the correct Wi-Fi channels. * **EEPROM/Flash (Integrated):** Stores the MAC address, configuration data, and calibration parameters (Power table) for the RF output. * **LDO (Low Dropout Regulator):** Usually integrated or peripheral to step down/stabilize the voltage for the internal sensitive analog radio components. * **RF Front-End:** Includes a Power Amplifier (PA) for transmitting and a Low Noise Amplifier (LNA) for receiving signals. --- ### 3. Pinout Definition The BL-R413P typically utilizes a simple 4-pin or 6-pin interface for easy integration: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **3.3V** | Power Supply Input | | 2 | **DM** | USB Data - | | 3 | **DP** | USB Data + | | 4 | **GND** | Ground | | 5 | **RF** | RF Output (if not using built-in PCB antenna) | --- ### 4. Hardware Design Considerations When integrating this module into a PCB design, engineers must consider: 1. **Power Stability:** The 3.3V line should have a decoupling capacitor (10uF and 0.1uF) placed close to the module pin to filter out noise that could affect RF performance. 2. **Impedance Matching:** The RF output path must be maintained at **50 Ohms** impedance to prevent signal loss and reflection. 3. **EMI Shielding:** The module often comes with a metal shield (Can) to prevent electromagnetic interference from affecting other components on the host board.
    ✨ Follow-up Questions
    • ⤷ What are the driver installation requirements for the BL-R413P on Linux systems?
    • ⤷ How does the RTL8188FTV compare to the RTL8188EUS chipset?
    • ⤷ What is the typical power consumption of this module during active data transmission?