データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BL-R4515

  • AI
    ## Overview of the BL-R4515 Module The **BL-R4515** is a highly integrated, low-power **Wi-Fi + Bluetooth (BLE)** combo module. It is designed specifically for IoT (Internet of Things) applications, smart home appliances, and wireless control systems. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Main Chipset** | Realtek RTL8720 (or equivalent series) | | **Wi-Fi Standards** | IEEE 802.11 b/g/n | | **Bluetooth Version** | Bluetooth Low Energy (BLE) 5.0 | | **Frequency Range** | 2.412GHz ~ 2.484GHz | | **Interface** | UART, GPIO, PWM, I2C, SPI | | **Supply Voltage** | 3.3V (±0.3V) | | **Antenna Type** | PCB On-board Antenna or IPEX connector | --- ### 2. Core Electronic Components & Architecture The module consists of several critical electronic blocks: #### A. Microcontroller Unit (MCU) The heart of the module is an ARM-based processor that handles both the networking stacks (TCP/IP) and the application code. It typically includes embedded Flash memory and SRAM to store firmware. #### B. Radio Frequency (RF) Front-end * **Power Amplifier (PA):** Boosts the signal for transmission to ensure stable range. * **Low Noise Amplifier (LNA):** Increases the sensitivity of the receiver to pick up weak signals. * **Switch/Diplexer:** Manages the switching between Wi-Fi and Bluetooth signals since they share the 2.4GHz spectrum. #### C. Power Management Unit (PMU) The module includes internal LDOs (Low Dropout Regulators) to convert the 3.3V input into the lower voltages required by the core digital logic and sensitive RF circuits. #### D. Clocking System A high-precision **40MHz Crystal Oscillator** is used to provide the timing reference for the RF carrier frequency and the MCU operations. --- ### 3. Pin Functionality (Common Layout) The BL-R4515 typically utilizes a stamp-hole (LCC) package for surface mounting. 1. **VCC/GND:** Power supply pins. 2. **UART_TX/RX:** Primary communication interface for AT commands or data transmission. 3. **CHIP_EN (Reset):** Used to enable or hardware-reset the module. 4. **GPIOs:** General purpose pins that can be configured for PWM (dimming lights) or I2C (reading sensors). --- ### 4. Application Use-Cases * **Smart Lighting:** Controlling RGB LED strips via smartphone apps. * **Industrial Sensors:** Sending temperature or humidity data to the cloud. * **Smart Plugs:** Remote power monitoring and switching.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power consumption of the BL-R4515 during data transmission?
    • ⤷ Can the BL-R4515 operate in Wi-Fi Station and AP mode simultaneously?
    • ⤷ How do I interface the BL-R4515 with an Arduino or STM32 microcontroller?