データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BL-R4532C

  • AI
    The **BL-R4532C** is a high-performance, low-cost wireless network module based on the **Realtek RTL8188CUS** chipset. It is primarily designed for devices requiring Wi-Fi connectivity via a USB interface, such as set-top boxes, smart TVs, and IP cameras. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188CUS | | **Interface** | USB 2.0 / 1.1 | | **Wireless Standard** | IEEE 802.11b/g/n | | **Frequency Range** | 2.412 GHz ~ 2.484 GHz | | **Data Rate** | Up to 150 Mbps (1T1R) | | **Operating Voltage** | 3.3V +/- 0.2V | | **Modulation** | OFDM, CCK, DQPSK, DBPSK | --- ### 2. Major Electronic Components The module consists of several critical internal components that manage power, signal processing, and radio frequency (RF) transmission: #### A. The Main SoC (RTL8188CUS) This is the "brain" of the module. It integrates the MAC (Media Access Control), a 1T1R capable Baseband, and the RF Frontend into a single chip. It handles the conversion of digital data from the USB port into wireless radio waves. #### B. Crystal Oscillator (40MHz) A precision quartz crystal is used to provide the clock frequency for the SoC. This ensures the timing of the wireless signals remains stable and accurate to prevent frequency drifting. #### C. RF Front-End and Filter * **Band Pass Filter (BPF):** Suppresses noise and interference from other electronic devices operating outside the 2.4GHz band. * **Impedance Matching Circuit:** A network of tiny capacitors and inductors that ensure maximum power transfer between the chip and the antenna. #### D. Power Management Unit (PMU) Since the module typically runs on 3.3V but the internal logic of the chip may operate at lower voltages (like 1.2V), the module includes LDO (Low Dropout) regulators to step down and stabilize the voltage. --- ### 3. Pin Configuration (Common 4-6 Pin Layout) Most versions of the BL-R4532C utilize a standard USB-based pinout for easy integration: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **3.3V** | Power Supply Input | | 2 | **DM** | USB Data Minus | | 3 | **DP** | USB Data Plus | | 4 | **GND** | Ground | | 5 | **RST/EN** | Reset or Enable (Optional) | --- ### 4. Implementation Example (Initialization) To use this module in a Linux-based environment (like a Raspberry Pi or an industrial PC), the `8192cu` driver is typically required. ```bash # Check if the module is detected on the USB bus lsusb # Typical output should show Realtek Semiconductor Corp. RTL8188CUS # Load the driver manually if not auto-detected sudo modprobe 8192cu ``` ---
    ✨ Follow-up Questions
    • ⤷What are the power consumption levels for this module during active transmission?
    • ⤷ Can the BL-R4532C be used with an external antenna?
    • ⤷ Which operating systems are natively compatible with the RTL8188CUS chipset?