データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BL-R4539B

  • AI
    The **BL-R4539B** is a highly integrated, low-power **Wi-Fi + Bluetooth (BLE)** combo module. It is designed for compact embedded applications requiring wireless connectivity, typically used in smart home devices, IoT gateways, and industrial control systems. ### 1. Key Technical Specifications The module is based on the **Realtek RTL8720CF** chipset (or similar high-integration SoC). | Feature | Specification | | :--- | :--- | | **Connectivity** | Wi-Fi (802.11 b/g/n) + Bluetooth 5.0 (BLE) | | **Frequency Range** | 2.412 GHz ~ 2.484 GHz | | **Data Rate (Wi-Fi)** | Up to 150 Mbps (802.11n) | | **Data Rate (BT)** | Up to 2 Mbps (BLE 5.0) | | **Operating Voltage** | 3.3V (±10%) | | **Interface** | UART, GPIO, PWM, I2C, SPI | | **Antenna Type** | PCB Printed Antenna or IPEX Connector | --- ### 2. Main Hardware Components The electronic architecture of the BL-R4539B consists of several critical stages: #### A. The SoC (System on Chip) At the heart of the module is a dual-core microcontroller architecture: * **KM4 CPU:** Handles high-performance tasks and Wi-Fi stack. * **M0 CPU:** Handles low-power tasks and Bluetooth stack. * **Memory:** Includes internal SRAM (typically 512KB) and external/internal Flash for firmware storage. #### B. RF Front End * **Power Amplifier (PA):** Boosts the signal for transmission. * **Low Noise Amplifier (LNA):** Enhances weak signals received from the air. * **Switch/Diplexer:** Manages the path between Wi-Fi and Bluetooth signals since they share the same 2.4GHz frequency. #### C. Power Management Unit (PMU) * Integrates LDOs (Low Dropout Regulators) to convert the 3.3V input into internal core voltages (1.2V - 1.8V). * Supports deep-sleep modes to conserve battery life in IoT applications. --- ### 3. Pinout and Interface Layout The module usually features a "Stamp Hole" (Castellated) package for easy SMT soldering. ```markdown Typical Pin Functions: 1. VCC (3.3V Power) 2. GND (Ground) 3. TX/RX (UART communication for AT commands) 4. CH_EN (Chip Enable/Reset) 5. GPIOs (Configurable for sensors/LEDs) ``` --- ### 4. Application Use Cases * **Smart Home:** Smart plugs, lighting controllers, and thermostats. * **Industry:** Wireless sensors for factory automation. * **Consumer Electronics:** Small appliances requiring remote smartphone control via BLE provisioning. ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels in deep-sleep mode for the BL-R4539B?
    • ⤷ How do I interface this module with an Arduino or STM32?
    • ⤷ Does this module support dual-band 5GHz Wi-Fi or only 2.4GHz?