データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BL-R4622Z

  • AI
    The **BL-R4622Z** is a highly integrated IEEE 802.11b/g/n WLAN and Bluetooth 2.1/4.2 combo module. It is commonly used in IoT devices, smart appliances, and consumer electronics to provide wireless connectivity via a USB interface. --- ## 1. Technical Specifications The module is built around the **Realtek RTL8723BU** chipset. Below are the primary technical parameters: | Feature | Specification | | :--- | :--- | | **Main Chipset** | Realtek RTL8723BU | | **Interface** | USB 2.0 (shared for WLAN and BT) | | **Wi-Fi Standards** | IEEE 802.11b/g/n | | **Bluetooth Standards** | v2.1 + EDR / v4.2 (BLE) | | **Frequency Range** | 2.400GHz ~ 2.4835GHz | | **Data Rate (Wi-Fi)** | Up to 150Mbps (802.11n) | | **Operating Voltage** | 3.3V ± 0.2V | | **Antenna Type** | External (via I-PEX connector or solder pad) | --- ## 2. Key Electronic Components The module's internal circuitry consists of several critical stages: ### A. The Controller (RTL8723BU) This is a single-chip solution that combines a MAC, a 1T1R capable baseband, and RF. It handles the switching between Wi-Fi and Bluetooth signals to ensure coexistence without interference. ### B. Power Management * **LDO (Low Dropout Regulator):** The module usually requires a stable 3.3V supply. Internal regulation ensures the 1.05V or 1.2V required by the core logic is maintained. * **Decoupling Capacitors:** Small SMD capacitors are placed near the VCC pins to filter high-frequency noise. ### C. RF Frontend * **Crystal Oscillator (24MHz/40MHz):** Provides the reference clock for the radio frequency synthesizers. * **Band Pass Filter (BPF):** Filters out out-of-band emissions to comply with regulatory standards (FCC/CE). * **RF Switch:** Manages the single antenna path between the Wi-Fi and Bluetooth radio chains. --- ## 3. Pinout Configuration (Example) Typical BL-R4622Z modules use a stamp-hole (LCC) package. Common pin assignments include: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **GND** | Ground | | 2 | **USB_D-** | USB Data Negative | | 3 | **USB_D+** | USB Data Positive | | 4 | **3.3V** | Power Supply Input | | 5 | **CHIP_EN** | Chip Enable (Active High) | | 6 | **BT_PCM** | Optional Bluetooth Audio Interface | | 7 | **ANT** | RF Output to Antenna | --- ## 4. Hardware Implementation Notes When integrating this module into a PCB design, keep the following in mind: 1. **USB Trace Impedance:** The `USB_D+` and `USB_D-` lines must be routed as a differential pair with **90Ω characteristic impedance**. 2. **RF Trace:** The path to the antenna should be a **50Ω microstrip line**. Avoid placing ground planes directly under the antenna if using an onboard PCB antenna. 3. **Heat Dissipation:** While low power, ensure the ground pads are well-soldered to a large ground plane to act as a heatsink.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels for this module in deep sleep versus active mode?
    • ⤷ Can the BL-R4622Z operate Wi-Fi and Bluetooth simultaneously?
    • ⤷ Which operating systems have native driver support for the RTL8723BU chipset?