データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BL-R4632T

  • AI
    The **BL-R4632T** is a highly integrated, low-power Wireless LAN (WLAN) module. It is primarily designed around the Realtek chipset architecture to provide IEEE 802.11b/g/n wireless connectivity for embedded systems. --- ### ## Technical Specifications Overview The following table summarizes the core electronic characteristics of the BL-R4632T module: | Feature | Specification | | :--- | :--- | | **Main Chipset** | Realtek RTL8188FTV / ETV (Variant dependent) | | **Interface** | USB 2.0 (High Speed) | | **Wi-Fi Standard** | IEEE 802.11b/g/n | | **Frequency Range** | 2.412 GHz ~ 2.484 GHz | | **Data Rate** | Up to 150 Mbps (802.11n) | | **Operating Voltage** | 3.3V DC (±10%) | | **Antenna Type** | External (via I-PEX/MHF connector or Solder Pad) | --- ### ## Key Electronic Components The module consists of several critical stages that manage power, signal processing, and radio frequency (RF) transmission: #### 1. The SoC (System on Chip) The heart of the module is usually the **Realtek RTL8188** series. This chip integrates the MAC (Media Access Control), a 1T1R (1 Transmit, 1 Receive) Baseband, and the RF front-end into a single piece of silicon. #### 2. Power Management Unit (PMU) Because the module operates on 3.3V but the internal logic of the chipset often runs at 1.2V or 1.8V, the board contains: * **LDO Regulators:** Low-dropout regulators to ensure stable voltage with minimal noise. * **Decoupling Capacitors:** Small ceramic capacitors (0402 or 0201 size) placed near power pins to filter high-frequency noise. #### 3. RF Front-End * **Crystal Oscillator (40MHz):** Provides the reference clock for the frequency synthesizer. The accuracy of this crystal is vital for maintaining connection stability. * **Band Pass Filter (BPF):** Suppresses out-of-band emissions to comply with regulatory standards (FCC/CE). * **Impedance Matching Circuit:** A network of inductors and capacitors (LC circuit) that matches the chip output to the 50Ω antenna trace to prevent signal reflection. #### 4. Host Interface The module communicates with the host (like an ARM processor or MPU) via a **USB 2.0 interface**. * **D+ / D- Pins:** The differential pair used for data transfer. * **WPS/Reset Pins:** GPIO pins often exposed for hardware-level control. --- ### ## Typical Application Circuit When integrating the BL-R4632T into a PCB design, the following connections are standard: ```text Host (MCU/PC) BL-R4632T Module +----------+ +----------------+ | 3.3V | -------- | VDD / 3.3V | | GND | -------- | GND | | USB_D+ | <------> | DP | | USB_D- | <------> | DM | | GPIO | -------- | CHIP_EN / RST | +----------+ +----------------+ ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels during active transmission versus idle mode?
    • ⤷ Does this module support soft-AP mode for creating a hotspot?
    • ⤷ What are the specific dimensions and pinout for the BL-R4632T?