データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BL-R5133

  • AI
    The **BL-R5133** is a compact, high-performance IEEE 802.11b/g/n WLAN (Wireless Local Area Network) module. It is commonly used in consumer electronics to provide stable Wi-Fi connectivity via a USB interface. ### 1. Key Technical Specifications The module is built around the **Realtek RTL8188EUS** (or similar variant) chipset, which integrates the MAC, Baseband, and Radio into a single chip. | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188 Series | | **Standards** | IEEE 802.11b, IEEE 802.11g, IEEE 802.11n | | **Interface** | USB 1.1 / 2.0 | | **Frequency Range** | 2.412 GHz ~ 2.484 GHz | | **Data Rate** | Up to 150 Mbps (802.11n) | | **Operating Voltage** | 3.3V DC (±10%) | | **Antenna Type** | External (via I-PEX/U.FL) or PCB Trace | --- ### 2. Main Hardware Components The architecture of the BL-R5133 involves several critical electronic blocks: * **RF Front-End:** Includes the Power Amplifier (PA) for transmitting signals and the Low Noise Amplifier (LNA) for receiving signals. * **Crystal Oscillator:** Typically a 40MHz crystal that provides the timing reference for the frequency synthesizer and digital logic. * **Power Management Unit (PMU):** Internal regulators that convert the input 3.3V to the core voltages required by the chipset (usually 1.2V). * **EEPROM/Flash (Optional):** Some variants include a small memory chip to store the MAC address and configuration parameters, though these are often integrated or stored in the host system. --- ### 3. Pinout Configuration The module usually features a 4-pin to 6-pin interface for easy integration with a host microcontroller (MCU) or processor. | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **3.3V** | Main power supply input | | 2 | **USB D-** | USB Data Negative | | 3 | **USB D+** | USB Data Positive | | 4 | **GND** | Ground | | 5 | **CHIP_EN** | Chip Enable (Active High) | --- ### 4. Implementation Circuit Example To use this module in a custom PCB design, the following basic connections are required: ```c // Schematic Logic [Host Processor] [BL-R5133 Module] USB_DN <--------------> Pin 2 (D-) USB_DP <--------------> Pin 3 (D+) VCC 3.3V <-------------> Pin 1 (3.3V) GND <--------------> Pin 4 (GND) GPIO <--------------> Pin 5 (Enable) ``` **Design Notes:** * **Decoupling:** A 10uF and 0.1uF capacitor should be placed close to the 3.3V pin to filter noise. * **USB Impedance:** The D+ and D- traces must be routed as a 90-ohm differential pair to ensure signal integrity. * **Antenna:** If using the external connector, ensure the coaxial cable is 50-ohm matched.
    ✨ Follow-up Questions
    • ⤷ What is the power consumption of the BL-R5133 during active transmission?
    • ⤷ Which operating systems have native driver support for the RTL8188 chipset?
    • ⤷ Can this module be used in Soft-AP mode for mobile hotspots?