データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BL-R5136

  • AI
    The **BL-R5136** is a highly integrated, low-cost IEEE 802.11b/g/n WLAN module. It is primarily based on the **Realtek RTL8188EUS** chipset and is designed to provide wireless connectivity via a USB interface for devices like IP cameras, set-top boxes, and single-board computers. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188EUS | | **Interface** | USB 2.0 / 1.1 | | **Frequency Range** | 2.400GHz ~ 2.4835GHz | | **Data Rate** | Up to 150Mbps (802.11n) | | **Modulation** | OFDM, CCK, DQPSK, DBPSK | | **Operating Voltage** | 3.3V +/- 0.2V | | **Antenna Type** | External (via half-hole/pin) or PCB Trace | --- ### 2. Major Electronic Components The module's internal circuitry consists of several critical stages: #### A. The Main SoC (RTL8188EUS) The "brain" of the module. It integrates the MAC (Media Access Control), a 1T1R (1 Transmit, 1 Receive) Baseband, and the RF Radio into a single chip. This reduces the footprint and power consumption. #### B. RF Front End * **Power Amplifier (PA):** Boosts the signal for transmission. * **Low Noise Amplifier (LNA):** Increases the sensitivity of the receiver to pick up weak signals. * **Transmit/Receive (T/R) Switch:** Switches the antenna connection between the transmit and receive paths. #### C. Crystal Oscillator Usually a **40MHz crystal**, this component provides the precise clock frequency required for the RF synthesizer and digital logic to function synchronously. #### D. Power Management The module operates on **3.3V DC**. Internally, it often contains an LDO (Low Dropout Regulator) or DC-DC converter to step down voltages for the core logic (usually 1.0V to 1.2V). --- ### 3. Pin Configuration (Interface) The BL-R5136 typically uses a 4-pin or 6-pin interface for its USB communication: 1. **VDD (3.3V):** Power Supply. 2. **USB_D-:** USB Data Minus. 3. **USB_D+:** USB Data Plus. 4. **GND:** Ground. 5. **RF_ANT:** Output for the Wi-Fi antenna (if not using an on-board version). 6. **CHIP_EN:** Enables or disables the module (Power down pin). --- ### 4. RF Performance Table | Standard | Output Power (Typical) | Sensitivity (11n, MCS7) | | :--- | :--- | :--- | | **802.11b** | 17dBm ± 1.5dBm | -82dBm | | **802.11g** | 14dBm ± 1.5dBm | -71dBm | | **802.11n** | 13dBm ± 1.5dBm | -68dBm |
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels of the BL-R5136 during active transmission?
    • ⤷ Does the BL-R5136 support Soft-AP mode for creating a hotspot?
    • ⤷ Which operating systems have native driver support for the RTL8188EUS chipset?